Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM802
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM802 Datasheet HTML 17Page - STMicroelectronics STM802 Datasheet HTML 18Page - STMicroelectronics STM802 Datasheet HTML 19Page - STMicroelectronics STM802 Datasheet HTML 20Page - STMicroelectronics STM802 Datasheet HTML 21Page - STMicroelectronics STM802 Datasheet HTML 22Page - STMicroelectronics STM802 Datasheet HTML 23Page - STMicroelectronics STM802 Datasheet HTML 24Page - STMicroelectronics STM802 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21/37
STM690A/692A/703/704/802/805/817/818/819
Figure 30. Output Voltage vs. Load Current (VCC = 5V; VBAT = 2.8V; TA = 25°C)
Figure 31. Output Voltage vs. Load Current (VCC = 0V; VBAT = 2.8V; TA = 25°C)
4.94
4.96
4.98
5.00
0
1020
304050
IOUT (mA)
AI10496
2.66
2.68
2.70
2.72
2.74
2.76
2.78
2.80
0.0
0.2
0.4
0.6
0.8
1.0
IOUT (mA)
AI10497



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com