Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM802
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 4 Page - STMicroelectronics

  STM802 Datasheet HTML 1Page - STMicroelectronics STM802 Datasheet HTML 2Page - STMicroelectronics STM802 Datasheet HTML 3Page - STMicroelectronics STM802 Datasheet HTML 4Page - STMicroelectronics STM802 Datasheet HTML 5Page - STMicroelectronics STM802 Datasheet HTML 6Page - STMicroelectronics STM802 Datasheet HTML 7Page - STMicroelectronics STM802 Datasheet HTML 8Page - STMicroelectronics STM802 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
4/37
SUMMARY DESCRIPTION
The
STM690A/692A/703/704/802/805/817/818/
819 Supervisors are self-contained devices which
provide microprocessor supervisory functions with
the ability to non-volatize and write-protect exter-
nal LPSRAM. A precision voltage reference and
comparator monitors the VCC input for an out-of-
tolerance condition. When an invalid VCC condi-
tion occurs, the reset output (RST) is forced low
(or high in the case of RST). These devices also
offer a watchdog timer (except for STM703/704/
819) as well as a power-fail comparator (except for
STM818) to provide the system with an early
warning of impending power failure.
These devices are available in a standard 8-pin
SOIC package or a space-saving 8-pin TSSOP
package.
Figure 2. Logic Diagram (STM690A/692A/802/
805/817)
Note: 1. For STM805, reset output is active-high.
Figure 3. Logic Diagram (STM703/704/819)
Figure 4. Logic Diagram (STM818)
Table 2. Signal Names
Note: 1. STM818
AI07894
VCC VBAT
STM690A/
692A/802/
805/817
VSS
VOUT
RST(RST)(1)
WDI
PFI
PFO
AI07895
VCC VBAT
STM703/
704/819
VSS
VOUT
RST
MR
PFI
PFO
MR
Push-button Reset Input
WDI
Watchdog Input
RST
Active-Low Reset Output
RST
Active-High Reset Output
E(1)
Chip Enable Input
ECON
(1)
Conditioned Chip Enable Output
VOUT
Supply Voltage Output
VCC
Supply Voltage
VBAT
Back-up Supply Voltage
PFI
Power-fail Input
PFO
Power-fail Output
VSS
Ground
AI07896
VCC VBAT
STM818
VSS
VOUT
RST
WDI
E
ECON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com