Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM802
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM802 Datasheet HTML 21Page - STMicroelectronics STM802 Datasheet HTML 22Page - STMicroelectronics STM802 Datasheet HTML 23Page - STMicroelectronics STM802 Datasheet HTML 24Page - STMicroelectronics STM802 Datasheet HTML 25Page - STMicroelectronics STM802 Datasheet HTML 26Page - STMicroelectronics STM802 Datasheet HTML 27Page - STMicroelectronics STM802 Datasheet HTML 28Page - STMicroelectronics STM802 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25/37
STM690A/692A/703/704/802/805/817/818/819
Figure 37. Power-fail Comparator Response Time (De-Assertion)
Figure 38. Maximum Transient Duration vs. Reset Threshold Overdrive
AI09154b
5V
1.3V
PFI
1V/div
0V
500mV/div
0V
500ns/div
PFO
Reset Comparator Overdrive, VRST – VCC (V)
Reset occurs
above the curve.
AI09156b
0
1000
2000
3000
4000
5000
6000
0.001
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com