Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI4K Datasheet(PDF) 18 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SRI4K Datasheet HTML 14Page - STMicroelectronics SRI4K Datasheet HTML 15Page - STMicroelectronics SRI4K Datasheet HTML 16Page - STMicroelectronics SRI4K Datasheet HTML 17Page - STMicroelectronics SRI4K Datasheet HTML 18Page - STMicroelectronics SRI4K Datasheet HTML 19Page - STMicroelectronics SRI4K Datasheet HTML 20Page - STMicroelectronics SRI4K Datasheet HTML 21Page - STMicroelectronics SRI4K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Memory mapping
SRI4K
18/45
Figure 18.
System area
4.4.1
OTP_Lock_Reg
The 8 bits, b31 to b24, of the System area (block address 255) are used as OTP_Lock_Reg
bits in the SRI4K. They control the write access to the 9 EEPROM blocks with addresses 7
to 15 as follows:
●
When b24 is at 0, blocks 7 and 8 are write-protected
●
When b25 is at 0, block 9 is write-protected
●
When b26 is at 0, block 10 is write-protected
●
When b27 is at 0, block 11 is write-protected
●
When b28 is at 0, block 12 is write-protected
●
When b29 is at 0, block 13 is write-protected
●
When b30 is at 0, block 14 is write-protected
●
When b31 is at 0, block 15 is write-protected.
The OTP_Lock_Reg bits cannot be erased. Once write-protected, EEPROM blocks behave
like ROM blocks and cannot be unprotected.
4.4.2
Fixed Chip_ID (Option)
The SRI4K is provided with an anticollision feature based on a random 8-bit Chip_ID. Prior
to selecting an SRI4K, an anticollision sequence has to be run to search for the Chip_ID of
the SRI4K. This is a very flexible feature, however the searching loop requires time to run.
For some applications, much time could be saved by knowing the value of the SRI4K
Chip_ID beforehand, so that the SRI4K can be identified and selected directly without
having to run an anticollision sequence. This is why the SRI4K was designed with an
optional mask setting used to program a fixed 8-bit Chip_ID to bits b7 to b0 of the system
area. When the fixed Chip_ID option is used, the random Chip_ID function is disabled.
Block
address
255
MSb
b31
b24 b23
32-bit block
b16 b15
b8 b7
b0
LSb
Description
OTP
OTP_Lock_Reg
ST reserved
Fixed Chip_ID
(Option)
ai07663b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com