Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI4K Datasheet(PDF) 33 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SRI4K Datasheet HTML 29Page - STMicroelectronics SRI4K Datasheet HTML 30Page - STMicroelectronics SRI4K Datasheet HTML 31Page - STMicroelectronics SRI4K Datasheet HTML 32Page - STMicroelectronics SRI4K Datasheet HTML 33Page - STMicroelectronics SRI4K Datasheet HTML 34Page - STMicroelectronics SRI4K Datasheet HTML 35Page - STMicroelectronics SRI4K Datasheet HTML 36Page - STMicroelectronics SRI4K Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
SRI4K
SRI4K commands
33/45
8.7
Read_block(Addr) command
Command code = 08h
On receiving the Read_block command, the SRI4K reads the desired block and returns the
4 data bytes contained in the block. Data bytes are transmitted with the least significant byte
first and each byte is transmitted with the least significant bit first.
The address byte gives access to the 128 blocks of the SRI4K (addresses 0 to 127).
Read_block commands issued with a block address above 127 will not be interpreted and
the SRI4K will not return any response, except for the System area located at address 255.
The SRI4K must have received a Select() command and be switched to Selected state
before any Read_block() command can be accepted. All Read_block() commands sent to
the SRI4K before a Select() command is issued are ignored.
Figure 41.
Read_block request format
Request parameter:
●
Address: block addresses from 0 to 127, or 255
Figure 42.
Read_block response format
Response parameters:
●
Data 1: Less significant data byte
●
Data 2: Data byte
●
Data 3: Data byte
●
Data 4: Most significant data byte
Figure 43.
Read_block frame exchange between reader and SRI4K
SOF
Read_block
CRCL
CRCH
EOF
AI07684b
08h
8 bIts
8 bits
8 bits
Address
SOF
Data 1
CRCL
CRCH
EOF
AI07685b
8 bits
Data 2
Data 3
Data 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
S
O
F
Data 1
AI10890c
Data 2 Data 3 Data 4
Reader
SRI4K
CRCL CRCH
E
O
F
<-t0-><-t1->
S
O
F
08h
CRCL CRCH
E
O
F
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com