Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI4K Datasheet(PDF) 25 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SRI4K Datasheet HTML 21Page - STMicroelectronics SRI4K Datasheet HTML 22Page - STMicroelectronics SRI4K Datasheet HTML 23Page - STMicroelectronics SRI4K Datasheet HTML 24Page - STMicroelectronics SRI4K Datasheet HTML 25Page - STMicroelectronics SRI4K Datasheet HTML 26Page - STMicroelectronics SRI4K Datasheet HTML 27Page - STMicroelectronics SRI4K Datasheet HTML 28Page - STMicroelectronics SRI4K Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
SRI4K
Anticollision
25/45
Figure 22.
Example of an anticollision sequence
Command
Tag 1
Chip_ID
Tag 2
Chip_ID
Tag 3
Chip_ID
Tag 4
Chip_ID
Tag 5
Chip_ID
Tag 6
Chip_ID
Tag 7
Chip_ID
Tag 8
Chip_ID
Comments
READY State
28h
75h
40h
01h
02h
FEh
A9h
7Ch
Each tag gets a random Chip_ID
INITIATE ()
40h
13h
3Fh
4Ah
50h
48h
52h
7Ch
Each tag get a new random Chip_ID.
All tags answer: collisions
45h
12h
30h
43h
55h
43h
53h
73h
All CHIP_SLOT_NUMBERs get
a new random value
PCALL16()
30h
Slot0: only one answer
30h
Tag3 is identified
SELECT(30h)
SLOT_MARKER(1)
Slot1: no answer
SLOT_MARKER(2)
Slot2: only one answer
12h
12h
Tag2 is identified
SELECT(12h)
SLOT_MARKER(3)
Slot3: collisions
SLOT_MARKER(4)
Slot4: no answer
43h
43h
53h
73h
SLOT_MARKER(5)
Slot5: collisions
SLOT_MARKER(6)
Slot6: no answer
45h
55h
SLOT_MARKER(N)
SlotN: no answer
SLOT_MARKER(F)
SlotF: no answer
40h
41h
53h
42h
50h
74h
All CHIP_SLOT_NUMBERs get
a new random value
PCALL16()
40h
Slot0: collisions
SLOT_MARKER(1)
Slot1: only one answer
SLOT_MARKER(2)
Slot2: only one answer
42h
Tag6 is identified
SELECT(42h)
SLOT_MARKER(3)
Slot3: only one answer
SELECT(53h)
Tag5 is identified
53h
SLOT_MARKER(4)
Slot4: only one answer
SELECT(74h)
Tag8 is identified
74h
SLOT_MARKER(N)
SlotN: no answer
50h
41h
Tag4 is identified
SELECT(41h)
41h
42h
53h
74h
41h
50h
All CHIP_SLOT_NUMBERs get
a new random value
PCALL16()
Slot0: only one answer
50h
Tag7 is identified
SELECT(50h)
SLOT_MARKER(1)
Slot1: only one answer but already
found for tag4
SLOT_MARKER(N)
SlotN: no answer
50h
41h
43h
All CHIP_SLOT_NUMBERs get
a new random value
PCALL16()
Slot0: only one answer
SLOT_MARKER(3)
Slot3: only one answer
43h
Tag1 is identified
SELECT(43h)
43h
All tags are identified
ai07669



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com