Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI4K Datasheet(PDF) 39 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SRI4K Datasheet HTML 35Page - STMicroelectronics SRI4K Datasheet HTML 36Page - STMicroelectronics SRI4K Datasheet HTML 37Page - STMicroelectronics SRI4K Datasheet HTML 38Page - STMicroelectronics SRI4K Datasheet HTML 39Page - STMicroelectronics SRI4K Datasheet HTML 40Page - STMicroelectronics SRI4K Datasheet HTML 41Page - STMicroelectronics SRI4K Datasheet HTML 42Page - STMicroelectronics SRI4K Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
SRI4K
DC and ac parameters
39/45
Figure 51.
SRI4K synchronous timing, transmit and receive
AB
tRFF
tRFR
tRFSBL
tMIN CD
ƒcc
ASK Modulated signal from the Reader to the Contactless device
DATA
0
EOF
847KHz
tDR
t0
t1
FRAME Transmission between the reader and the contactless device
FRAME Transmitted by the reader in ASK
FRAME Transmitted by the SRI4K
1
1
tDR
in BPSK
DATA
0
1
DATA
0
tDA
tDA
SOF
1 0
1 1
START
0
tRFSBL
tRFSBL
tRFSBL
tJIT
tJIT
tJIT
tJIT
tJIT
tRFSBL
tRFSBL
Data jitter on FRAME Transmitted by the reader in ASK
AI10893



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com