Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI4K Datasheet(PDF) 42 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SRI4K Datasheet HTML 37Page - STMicroelectronics SRI4K Datasheet HTML 38Page - STMicroelectronics SRI4K Datasheet HTML 39Page - STMicroelectronics SRI4K Datasheet HTML 40Page - STMicroelectronics SRI4K Datasheet HTML 41Page - STMicroelectronics SRI4K Datasheet HTML 42Page - STMicroelectronics SRI4K Datasheet HTML 43Page - STMicroelectronics SRI4K Datasheet HTML 44Page - STMicroelectronics SRI4K Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
SRI4K command summary
SRI4K
42/45
Appendix B
SRI4K command summary
Figure 52.
Initiate frame exchange between reader and SRI4K
Figure 53.
Pcall16 frame exchange between reader and SRI4K
Figure 54.
Slot_marker frame exchange between reader and SRI4K
Figure 55.
Select frame exchange between reader and SRI4K
Figure 56.
Completion frame exchange between reader and SRI4K
AI10884b
Reader
SRI4K
SOF
Chip_ID
CRCL CRCH EOF
<-t0-><-t1->
SOF
06h
CRCL
CRCH EOF
00h
SOF
06h
CRCL
CRCH EOF
AI10885b
Reader
SRI4K
SOF
Chip_ID
CRCL CRCH
EOF
<-t0-><-t1->
04h
SOF
X6h
CRCL
CRCH EOF
AI10886
Reader
SRI4K
SOF
Chip_ID
CRCL CRCH
EOF
<-t0-><-t1->
AI010887
Reader
SRI4K
SOF
Chip_ID
CRCL CRCH EOF
<-t0-><-t1->
SOF
0Eh
CRCL
CRCH EOF
Chip_ID
SOF
0Fh
CRCL
CRCH EOF
AI10888
Reader
SRI4K
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com