Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXP Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LFXP
Description  LatticeXP Family Data Sheet
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LFXP Datasheet HTML 35Page - Lattice Semiconductor LFXP Datasheet HTML 36Page - Lattice Semiconductor LFXP Datasheet HTML 37Page - Lattice Semiconductor LFXP Datasheet HTML 38Page - Lattice Semiconductor LFXP Datasheet HTML 39Page - Lattice Semiconductor LFXP Datasheet HTML 40Page - Lattice Semiconductor LFXP Datasheet HTML 41Page - Lattice Semiconductor LFXP Datasheet HTML 42Page - Lattice Semiconductor LFXP Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
3-8
DC and Switching Characteristics
Lattice Semiconductor
LatticeXP Family Data Sheet
sysIO Single-Ended DC Electrical Characteristics
Input/Output
Standard
VIL
VIH
VOL Max.
(V)
VOH Min.
(V)
IOL
(mA)
IOH
(mA)
Min. (V)
Max. (V)
Min. (V)
Max. (V)
LVCMOS 3.3
-0.3
0.8
2.0
3.6
0.4
VCCIO - 0.4
20, 16, 12,
8, 4
-20, -16, -12,
-8, -4
0.2
VCCIO - 0.2
0.1
-0.1
LVTTL
-0.3
0.8
2.0
3.6
0.4
VCCIO - 0.4
20, 16, 12,
8, 4
-20, -16, -12,
-8, -4
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 2.5
-0.3
0.7
1.7
3.6
0.4
VCCIO - 0.4
20, 16, 12,
8, 4
-20, -16, -12,
-8, -4
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.8
-0.3
0.35VCCIO
0.65VCCIO
3.6
0.4
VCCIO - 0.4
16, 12, 8, 4
-16, -12, -8, -4
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.5
-0.3
0.35VCCIO
0.65VCCIO
3.6
0.4
VCCIO - 0.4
8, 4
-8, -4
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.2
(“C” Version)
-0.3
0.42
0.78
3.6
0.4
VCCIO - 0.4
6, 2
-6, -2
0.2
VCCIO - 0.2
0.1
-0.1
LVCMOS 1.2
(“E” Version)
-0.3
0.35VCC
0.65VCC
3.6
0.4
VCCIO - 0.4
6, 2
-6, -2
0.2
VCCIO - 0.2
0.1
-0.1
PCI
-0.3
0.3VCCIO
0.5VCCIO
3.6
0.1VCCIO
0.9VCCIO
1.5
-0.5
SSTL3 class I
-0.3
VREF - 0.2
VREF + 0.2
3.6
0.7
VCCIO - 1.1
8
-8
SSTL3 class II
-0.3
VREF - 0.2
VREF + 0.2
3.6
0.5
VCCIO - 0.9
16
-16
SSTL2 class I
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.54
VCCIO - 0.62
7.6
-7.6
SSTL2 class II
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.35
VCCIO - 0.43
15.2
-15.2
SSTL18 class I
-0.3
VREF - 0.125 VREF + 0.125
3.6
0.4
VCCIO - 0.4
6.7
-6.7
HSTL15 class I
-0.3
VREF - 0.1
VREF + 0.1
3.6
0.4
VCCIO - 0.4
8
-8
HSTL15 class III
-0.3
VREF - 0.1
VREF + 0.1
3.6
0.4
VCCIO - 0.4
24
-8
HSTL18 class I
-0.3
VREF - 0.1
VREF + 0.1
3.6
0.4
VCCIO - 0.4
9.6
-9.6
HSTL18 class II
-0.3
VREF - 0.1
VREF + 0.1
3.6
0.4
VCCIO - 0.4
16
-16
HSTL18 class III
-0.3
VREF - 0.1
VREF + 0.1
3.6
0.4
VCCIO - 0.4
24
-8
1. The average DC current drawn by I/Os between GND connections, or between the last GND in an I/O bank and the end of an I/O bank, as
shown in the logic signal connections table shall not exceed n * 8mA. Where n is the number of I/Os between bank GND connections or
between the last GND in a bank and the end of a bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com