Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXP Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # LFXP
Description  LatticeXP Family Data Sheet
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button LFXP Datasheet HTML 45Page - Lattice Semiconductor LFXP Datasheet HTML 46Page - Lattice Semiconductor LFXP Datasheet HTML 47Page - Lattice Semiconductor LFXP Datasheet HTML 48Page - Lattice Semiconductor LFXP Datasheet HTML 49Page - Lattice Semiconductor LFXP Datasheet HTML 50Page - Lattice Semiconductor LFXP Datasheet HTML 51Page - Lattice Semiconductor LFXP Datasheet HTML 52Page - Lattice Semiconductor LFXP Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
3-18
DC and Switching Characteristics
Lattice Semiconductor
LatticeXP Family Data Sheet
LatticeXP Internal Timing Parameters
1
Over Recommended Operating Conditions
Parameter
Description
-5
-4
-3
Units
Min.
Max.
Min.
Max.
Min.
Max.
PFU/PFF Logic Mode Timing
tLUT4_PFU
LUT4 Delay (A to D Inputs to F Output)
—
0.28
—
0.34
—
0.40
ns
tLUT6_PFU
LUT6 Delay (A to D Inputs to OFX Output)
—
0.44
—
0.53
—
0.63
ns
tLSR_PFU
Set/Reset to Output of PFU
—
0.90
—
1.08
—
1.29
ns
tSUM_PFU
Clock to Mux (M0,M1) Input Setup Time
0.13
—
0.15
—
0.19
—
ns
tHM_PFU
Clock to Mux (M0,M1) Input Hold Time
-0.04
—
-0.03
—
-0.03
—
ns
tSUD_PFU
Clock to D Input Setup Time
0.13
—
0.16
—
0.19
—
ns
tHD_PFU
Clock to D Input Hold Time
-0.03
—
-0.02
—
-0.02
—
ns
tCK2Q_PFU
Clock to Q Delay, D-type Register Configuration
—
0.40
—
0.48
—
0.58
ns
tLE2Q_PFU
Clock to Q Delay Latch Configuration
—
0.53
—
0.64
—
0.76
ns
tLD2Q_PFU
D to Q Throughput Delay when Latch is Enabled
—
0.55
—
0.66
—
0.79
ns
PFU Dual Port Memory Mode Timing
tCORAM_PFU
Clock to Output
—
0.40
—
0.48
—
0.58
ns
tSUDATA_PFU
Data Setup Time
-0.18
—
-0.14
—
-0.11
—
ns
tHDATA_PFU
Data Hold Time
0.28
—
0.34
—
0.40
—
ns
tSUADDR_PFU
Address Setup Time
-0.46
—
-0.37
—
-0.30
—
ns
tHADDR_PFU
Address Hold Time
0.71
—
0.85
—
1.02
—
ns
tSUWREN_PFU
Write/Read Enable Setup Time
-0.22
—
-0.17
—
-0.14
—
ns
tHWREN_PFU
Write/Read Enable Hold Time
0.33
—
0.40
—
0.48
—
ns
PIC Timing
PIO Input/Output Buffer Timing
tIN_PIO
Input Buffer Delay
—
0.62
—
0.72
—
0.85
ns
tOUT_PIO
Output Buffer Delay
—
2.12
—
2.54
—
3.05
ns
IOLOGIC Input/Output Timing
tSUI_PIO
Input Register Setup Time (Data Before Clock)
1.35
—
1.83
—
2.37
—
ns
tHI_PIO
Input Register Hold Time (Data After Clock)
0.05
—
0.05
—
0.05
—
ns
tCOO_PIO
Output Register Clock to Output Delay
—
0.36
—
0.44
—
0.52
ns
tSUCE_PIO
Input Register Clock Enable Setup Time
-0.09
—
-0.07
—
-0.06
—
ns
tHCE_PIO
Input Register Clock Enable Hold Time
0.13
—
0.16
—
0.19
—
ns
tSULSR_PIO
Set/Reset Setup Time
0.19
—
0.23
—
0.28
—
ns
tHLSR_PIO
Set/Reset Hold Time
-0.14
—
-0.11
—
-0.09
—
ns
EBR Timing
tCO_EBR
Clock to Output from Address or Data
—
4.01
—
4.81
—
5.78
ns
tCOO_EBR
Clock to Output from EBR Output Register
—
0.81
—
0.97
—
1.17
ns
tSUDATA_EBR
Setup Data to EBR Memory
-0.26
—
-0.21
—
-0.17
—
ns
tHDATA_EBR
Hold Data to EBR Memory
0.41
—
0.49
—
0.59
—
ns
tSUADDR_EBR
Setup Address to EBR Memory
-0.26
—
-0.21
—
-0.17
—
ns
tHADDR_EBR
Hold Address to EBR Memory
0.41
—
0.49
—
0.59
—
ns
tSUWREN_EBR
Setup Write/Read Enable to EBR Memory
-0.17
—
-0.13
—
-0.11
—
ns
tHWREN_EBR
Hold Write/Read Enable to EBR Memory
0.26
—
0.31
—
0.37
—
ns
tSUCE_EBR
Clock Enable Setup Time to EBR Output Register
0.19
—
0.23
—
0.28
—
ns
tHCE_EBR
Clock Enable Hold Time to EBR Output Register
-0.13
—
-0.10
—
-0.08
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com