Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXP Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # LFXP
Description  LatticeXP Family Data Sheet
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button LFXP Datasheet HTML 9Page - Lattice Semiconductor LFXP Datasheet HTML 10Page - Lattice Semiconductor LFXP Datasheet HTML 11Page - Lattice Semiconductor LFXP Datasheet HTML 12Page - Lattice Semiconductor LFXP Datasheet HTML 13Page - Lattice Semiconductor LFXP Datasheet HTML 14Page - Lattice Semiconductor LFXP Datasheet HTML 15Page - Lattice Semiconductor LFXP Datasheet HTML 16Page - Lattice Semiconductor LFXP Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
2-10
Architecture
Lattice Semiconductor
LatticeXP Family Data Sheet
Figure 2-10. PLL Diagram
Figure 2-11 shows the available macros for the PLL. Table 2-11 provides signal description of the PLL Block.
Figure 2-11. PLL Primitive
Table 2-5. PLL Signal Descriptions
Signal
I/O
Description
CLKI
I
Clock input from external pin or routing
CLKFB
I
PLL feedback input from CLKOP (PLL internal), from clock net (CLKOP) or from a user clock
(PIN or logic)
RST
I
“1” to reset input clock divider
CLKOS
O
PLL output clock to clock tree (phase shifted/duty cycle changed)
CLKOP
O
PLL output clock to clock tree (No phase shift)
CLKOK
O
PLL output to clock tree through secondary clock divider
LOCK
O
“1” indicates PLL LOCK to CLKI
DDAMODE
I
Dynamic Delay Enable. “1” Pin control (dynamic), “0”: Fuse Control (static)
DDAIZR
I
Dynamic Delay Zero. “1”: delay = 0, “0”: delay = on
DDAILAG
I
Dynamic Delay Lag/Lead. “1”: Lag, “0”: Lead
DDAIDEL[2:0]
I
Dynamic Delay Input
DDAOZR
O
Dynamic Delay Zero Output
DDAOLAG
O
Dynamic Delay Lag/Lead Output
DDAODEL[2:0]
O
Dynamic Delay Output
VCO
CLKOS
CLKOK
LOCK
RST
CLKFB
from CLKOP
(PLL internal),
from clock net
(CLKOP) or
from a user
clock (PIN or logic)
Dynamic Delay Adjustment
Input Clock
Divider
(CLKI)
Feedback
Divider
(CLKFB)
Post Scalar
Divider
(CLKOP)
Phase/Duty
Select
Secondary
Clock
Divider
(CLKOK)
Delay
Adjust
Voltage
Controlled
Oscillator
CLKI
(from routing or
external pin)
CLKOP
EPLLB
CLKOP
CLKI
CLKFB
LOCK
EHXPLLB
CLKOS
CLKI
CLKFB
CLKOK
LOCK
RST
CLKOP
DDAIZR
DDAILAG
DDA MODE
DDAIDEL[2:0]
DDAOZR
DDAOLAG
DDAODEL[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com