Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXP Datasheet(PDF) 29 Page - Lattice Semiconductor

Part # LFXP
Description  LatticeXP Family Data Sheet
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP Datasheet(HTML) 29 Page - Lattice Semiconductor

Back Button LFXP Datasheet HTML 25Page - Lattice Semiconductor LFXP Datasheet HTML 26Page - Lattice Semiconductor LFXP Datasheet HTML 27Page - Lattice Semiconductor LFXP Datasheet HTML 28Page - Lattice Semiconductor LFXP Datasheet HTML 29Page - Lattice Semiconductor LFXP Datasheet HTML 30Page - Lattice Semiconductor LFXP Datasheet HTML 31Page - Lattice Semiconductor LFXP Datasheet HTML 32Page - Lattice Semiconductor LFXP Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
2-26
Architecture
Lattice Semiconductor
LatticeXP Family Data Sheet
Table 2-9. Characteristics of Normal, Off and Sleep Modes
SLEEPN Pin Characteristics
The SLEEPN pin behaves as an LVCMOS input with the voltage standard appropriate to the VCC supply for the
device. This pin also has a weak pull-up typically in the order of 10µA along with a Schmidt trigger and glitch filter to
prevent false triggering. An external pull-up to VCC is recommended when Sleep Mode is not used to ensure the
device stays in normal operation mode. Typically the device enters Sleep Mode several hundred ns after SLEEPN
is held at a valid low and restarts normal operation as specified in the Sleep Mode Timing table. The AC and DC
specifications portion of this data sheet show a detailed timing diagram.
Configuration and Testing
The following section describes the configuration and testing features of the LatticeXP family of devices.
IEEE 1149.1-Compliant Boundary Scan Testability
All LatticeXP devices have boundary scan cells that are accessed through an IEEE 1149.1 compliant test access
port (TAP). This allows functional testing of the circuit board, on which the device is mounted, through a serial scan
path that can access all critical logic nodes. Internal registers are linked internally, allowing test data to be shifted in
and loaded directly onto test nodes, or test data to be captured and shifted out for verification. The test access port
consists of dedicated I/Os: TDI, TDO, TCK and TMS. The test access port has its own supply voltage VCCJ and can
operate with LVCMOS3.3, 2.5, 1.8, 1.5 and 1.2 standards.
For more details on boundary scan test, please see information regarding additional technical documentation at
the end of this data sheet.
Device Configuration
All LatticeXP devices contain two possible ports that can be used for device configuration and programming. The
test access port (TAP), which supports serial configuration, and the sysCONFIG port that supports both byte-wide
and serial configuration.
The non-volatile memory in the LatticeXP can be configured in three different modes:
• In sysCONFIG mode via the sysCONFIG port. Note this can also be done in background mode.
• In 1532 mode via the 1149.1 port.
• In background mode via the 1149.1 port. This allows the device to be operated while reprogramming takes
place.
The SRAM configuration memory can be configured in three different ways:
• At power-up via the on-chip non-volatile memory.
• In 1532 mode via the 1149.1 port SRAM direct configuration.
• In sysCONFIG mode via the sysCONFIG port SRAM direct configuration.
Characteristic
Normal
Off
Sleep
SLEEPN Pin
High
—
Low
Static Icc
Typical <100mA
0
Typical <100uA
I/O Leakage
<10µA
<1mA
<10µA
Power Supplies VCC/VCCIO/VCCAUX
Normal Range
Off
Normal Range
Logic Operation
User Defined
Non Operational
Non operational
I/O Operation
User Defined
Tri-state
Tri-state
JTAG and Programming circuitry
Operational
Non-operational
Non-operational
EBR Contents and Registers
Maintained
Non-maintained
Non-maintained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com