Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFXP Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LFXP
Description  LatticeXP Family Data Sheet
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LFXP Datasheet HTML 55Page - Lattice Semiconductor LFXP Datasheet HTML 56Page - Lattice Semiconductor LFXP Datasheet HTML 57Page - Lattice Semiconductor LFXP Datasheet HTML 58Page - Lattice Semiconductor LFXP Datasheet HTML 59Page - Lattice Semiconductor LFXP Datasheet HTML 60Page - Lattice Semiconductor LFXP Datasheet HTML 61Page - Lattice Semiconductor LFXP Datasheet HTML 62Page - Lattice Semiconductor LFXP Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
3-28
DC and Switching Characteristics
Lattice Semiconductor
LatticeXP Family Data Sheet
Switching Test Conditions
Figure 3-13 shows the output test load that is used for AC testing. The specific values for resistance, capacitance,
voltage, and other test conditions are shown in Figure 3-5.
Figure 3-13. Output Test Load, LVTTL and LVCMOS Standards
Table 3-5. Test Fixture Required Components, Non-Terminated Interfaces
Test Condition
R1
CL
Timing Ref.
VT
LVTTL and other LVCMOS settings (L -> H, H -> L)
∞
0pF
LVCMOS 3.3 = 1.5V
—
LVCMOS 2.5 = VCCIO/2
—
LVCMOS 1.8 = VCCIO/2
—
LVCMOS 1.5 = VCCIO/2
—
LVCMOS 1.2 = VCCIO/2
—
LVCMOS 2.5 I/O (Z -> H)
188
0pF
VCCIO/2
VOL
LVCMOS 2.5 I/O (Z -> L)
VCCIO/2
VOH
LVCMOS 2.5 I/O (H -> Z)
VOH - 0.15
VOL
LVCMOS 2.5 I/O (L -> Z)
VOL + 0.15
VOH
Note: Output test conditions for all other interfaces are determined by the respective standards.
DUT
VT
R1
CL
Test Poi nt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com