Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 5Page - STMicroelectronics L6258EX Datasheet HTML 6Page - STMicroelectronics L6258EX Datasheet HTML 7Page - STMicroelectronics L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics L6258EX Datasheet HTML 10Page - STMicroelectronics L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics L6258EX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
L6258EX
Block diagram
9/32
ΔTSD-H
Shut down hysteresis
25
°C
TSD
Thermal shutdown
150
°C
fosc
Triangular oscillator
frequency(1)
CFREF = 1nF
12.5
15
18.5
KHz
TRANSISTORS
IDSS
Leakage current
OFF State
500
μA
Rds(on)
On resistance
ON state
0.6
0.75
W
Vf
Flywheel diode voltage
If =1.0A
1
1.4
V
CONTROL LOGIC
Vin(H)
lnput voltage
All Inputs
2
VDD
V
Vin(L)
Input voltage
All inputs
0
0.8
V
Iin
Input current (2)
0 < Vin < 5V
-150
+10
μA
Idis
Disable pin input
current
-10
+150
μA
Vref1/ref2
Reference voltage
Operating
0
2.5
V
Iref
Vref terminal input
current
Vref = 1.25
-2
5
μA
FI =
Vref/Vsense
PWM loop transfer
ratio
2
VFS
DAC full scale
precision
Vref = 2.5V I0/I1/I2/I3 = L
1.23
1.34
V
Voffset
Current loop offset
Vref = 2.5V I0/I1/I2/I3 = H
-40
+40
mV
DAC factor ratio
Normalized @ full scale
value
-2
+2
%
SENSE AMPLIFIER
Vcm
lnput common mode
voltage range
-0.7
VS+0.7
V
Iinp
Input bias
sense1/sense2
-200
0
μA
ERROR AMPLIFIER
GV
Open loop voltage gain
70
dB
SR
Output slew rate
Open loop
0.2
V/
μs
GBW
Gain bandwidth
product
400
kHz
1.
Chopping frequency is twice fosc value.
2.
This is true for all the logic inputs except the disable input.
Table 4.
Electrical characteristics (continued)
(VS = 40V; VDD = 5V; Tj = 25°; unless otherwise specified.)
Parameter
Description
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com