Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 13Page - STMicroelectronics L6258EX Datasheet HTML 14Page - STMicroelectronics L6258EX Datasheet HTML 15Page - STMicroelectronics L6258EX Datasheet HTML 16Page - STMicroelectronics L6258EX Datasheet HTML 17Page - STMicroelectronics L6258EX Datasheet HTML 18Page - STMicroelectronics L6258EX Datasheet HTML 19Page - STMicroelectronics L6258EX Datasheet HTML 20Page - STMicroelectronics L6258EX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
L6258EX
PWM current control loop
17/32
Gain and bandwidth must be chosen depending on many parameters of the application, like
the characteristics of the load, power supply etc..., and most important is the stability of the
system that must always be guaranteed.
To have a very flexible system and to have the possibility to adapt the system to any
application, the error amplifier must be compensated using an RC network connected
between the output and the negative input of the same.
For the evaluation of the stability of the system, we have to consider the open loop gain of
the current control loop:
Aloop = ACerr · ACpw · ACload · ACsense
where AC... is the gain of the blocks that refers to the error, power and sense amplifier plus
the attenuation of the load block.
The same formula in dB can be written in this way:
AloopdB = ACerrdB + ACpwdB + ACloaddB + ACsensedB
So now we can start to analyse the dynamic characteristics of each single block, with
particular attention to the error amplifier.
3.2
Power amplifier
The power amplifier is not a linear amplifier, but is a circuit driving in PWM mode the output
stage in full bridge configuration.
The output duty cycle variation is given by the comparison between the voltage of the error
amplifier and two triangular wave references Tri_0 and Tri_180. Because all the current
control loop is referred to the Vr reference, the result is that when the output voltage of the
error amplifier is equal to the Vr voltage the two output Out_A and Out_B have the same
phase and duty cycle at 50%; increasing the output voltage of the error amplifier above the
Vr voltage, the duty cycle of the Out_A increases and the duty cycle of the Out_B decreases
of the same percentage; on the contrary decreasing the voltage of the error amplifier below
the Vr voltage, the duty cycle of the Out_A decreases and the duty cycle of the Out_B
increases of the same percentage.
The gain of this block is defined by the amplitude of the two triangular wave references;
more precisely the gain of the power amplifier block is a reversed proportion of the
amplitude of the two references.
In fact a variation of the error amplifier output voltage produces a larger variation in duty
cycle of the two outputs Out_A and Out_B in case of low amplitude of the two triangular
wave references.
The duty cycle has the max value of 100% when the input voltage is equal to the amplitude
of the two triangular references.
The transfer function of this block consist in the relation between the output duty cycle and
the amplitude of the triangular references.
Vout = 2 · VS · (0.5 - DutyCycle)
ACpw
dB
20
V
out
Δ
V
in
Δ
----------------
log
2V
S
Triangular Amplitude
-------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com