Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 23Page - STMicroelectronics L6258EX Datasheet HTML 24Page - STMicroelectronics L6258EX Datasheet HTML 25Page - STMicroelectronics L6258EX Datasheet HTML 26Page - STMicroelectronics L6258EX Datasheet HTML 27Page - STMicroelectronics L6258EX Datasheet HTML 28Page - STMicroelectronics L6258EX Datasheet HTML 29Page - STMicroelectronics L6258EX Datasheet HTML 30Page - STMicroelectronics L6258EX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
L6258EX
Operation mode time diagrams
27/32
5
Operation mode time diagrams
Figure 12.
Full step operation mode timing diagram
(Phase - DAC input and motor current)
Ph2
FULL Step Vector
0
23
1
0
3
2
1
0
Position
DAC 2
Inputs
0
Motor drive
Current 2
0
Motor drive
Current 1
I3_2
I2_2
I1_2
I3_1
0
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
0
5V
DAC 1
Inputs
Phase
2
Phase
1
I0_2
I2_1
I1_1
I0_1
0
3
2
1
Ph1
Ph2
Ph1
D97IN629A
95.2%
19.1%
95.2%
19.1%
I3
I2
I1
I0
Current
level% of IMAX
000
0
100
000
1
98.4
001
0
95.2
001
1
92.1
010
0
88.9
010
1
82.5
011
0
77.8
011
1
71.4
100
0
63.5
100
1
55.6
101
0
47.6
101
1
38.1
110
0
28.6
110
1
19.1
111
0
9.5
1
1
1
1
No Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com