Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 14Page - STMicroelectronics L6258EX Datasheet HTML 15Page - STMicroelectronics L6258EX Datasheet HTML 16Page - STMicroelectronics L6258EX Datasheet HTML 17Page - STMicroelectronics L6258EX Datasheet HTML 18Page - STMicroelectronics L6258EX Datasheet HTML 19Page - STMicroelectronics L6258EX Datasheet HTML 20Page - STMicroelectronics L6258EX Datasheet HTML 21Page - STMicroelectronics L6258EX Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
PWM current control loop
L6258EX
18/32
Moreover, having the two references Tri_0 and Tri_180 a triangular shape it is clear that the
transfer function of this block is a linear constant gain without poles and zeros.
3.3
Load attenuation
The load block is composed by the equivalent circuit of the motor winding (resistance and
inductance) plus the sense resistor.
We will considered the effect of the Bemf voltage of the motor in the next chapter.
The input of this block is the PWM voltage of the power amplifier and as output we have the
voltage across the sense resistor produced by the current flowing into the motor winding.
The relation between the two variable is:
so the gain of this block is:
where:
RL = equivalent resistance of the motor winding
RS = sense resistor
Because of the inductance of the motor LL, the load has a pole at the frequency:
ACpw
dB
20
224
1,6
-----------------
log
29,5dB
==
V
sense
V
out
R
L
R
S
+
----------------------
R
S
=
ACload
V
sense
v
out
---------------------
R
S
R
L
R
S
+
----------------------
==
ACload
dB
20
R
S
R
L
R
S
+
----------------------
log
=
Aload
dB
20
0,33
12
0,33
+
------------------------
log
31,4dB
==
Fpole
1
2
π
L
L
R
L
R
S
+
---------------------
-----------------------------------
=
Fpole
1
6,28
12
10
3
12
0,33
+
---------------------------
----------------------------------------------
163Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com