Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 15Page - STMicroelectronics L6258EX Datasheet HTML 16Page - STMicroelectronics L6258EX Datasheet HTML 17Page - STMicroelectronics L6258EX Datasheet HTML 18Page - STMicroelectronics L6258EX Datasheet HTML 19Page - STMicroelectronics L6258EX Datasheet HTML 20Page - STMicroelectronics L6258EX Datasheet HTML 21Page - STMicroelectronics L6258EX Datasheet HTML 22Page - STMicroelectronics L6258EX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
L6258EX
PWM current control loop
19/32
Before analysing the error amplifier block and the sense transconductance block, we have to
do this consideration:
AloopdB = AxdB + BxdB
Ax|dB = ACpw|dB + ACload|dB
and
Bx|dB = ACerr|dB + ACsense|dB
this means that Ax|dB is the sum of the power amplifier and load blocks;
Ax|dB = (29,5) + (-31.4) = -1.9dB
The BODE analysis of the transfer function of Ax is:
Figure 7.
Ax bode plot
The Bode plot of the Ax|dB function shows a DC gain of -1.9dB and a pole at 163Hz.
It is clear now that (because of the negative gain of the Ax function), Bx function must have
an high DC gain in order to increment the total open loop gain increasing the bandwidth too.
3.4
Error amplifier and sense amplifier
As explained before the gain of these two blocks is:
BxdB = ACerrdB + ACsensedB
Being the voltage across the sense resistor the input of the Bx block and the error amplifier
voltage the output of the same, the voltage gain is given by:
ib
Vsense
Gs
⋅
Vsense
1
Rb
--------
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com