Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 1 Page - STMicroelectronics

  STV6412B Datasheet HTML 1Page - STMicroelectronics STV6412B Datasheet HTML 2Page - STMicroelectronics STV6412B Datasheet HTML 3Page - STMicroelectronics STV6412B Datasheet HTML 4Page - STMicroelectronics STV6412B Datasheet HTML 5Page - STMicroelectronics STV6412B Datasheet HTML 6Page - STMicroelectronics STV6412B Datasheet HTML 7Page - STMicroelectronics STV6412B Datasheet HTML 8Page - STMicroelectronics STV6412B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
July 2008
Rev 1
1/32
1
STV6412B
Audio/video switch matrix
Features
■ I²C bus control
■ Standby mode with interrupt signal output
■ Video section
– 4 CVBS inputs, 3 CVBS outputs (one with
selectable chroma trap filter)
– 3 Y/C inputs, 2 Y/C outputs
– Switchable LPFs (low pass filters) on 6
inputs
– 6 dB gain on all CVBS/Y and C outputs
– Integrated 150
Ω buffers
– 1 Y/C adder
– 2 RGB/FB inputs, 1 tri-state RGB/FB output
with 6 dB adjustable gain (from +3 dB to
+9 dB)
– Video muting on all outputs
– 2 slow blanking inputs/outputs
– Sync bottom clamp on all CVBS/Y and
RGB inputs, average clamp on C inputs
– SVHS switch on C VCR output
– Bandwidth: 15 MHz
– Crosstalk: 50 dB minimum
■ Audio section
– 4 Stereo inputs, 3 stereo outputs
– 1 mono-sound output
– Stereo-to-mono sound capability
– 0/6/9 dB selectable gain on one stereo
input
– Full range volume control with soft control
– Audio muting on all outputs
Description
The STV6412B is a highly integrated I²C bus-
controlled audio and video switch matrix,
optimized for use in digital set-top box
applications. It provides all the audio and video
routings required in a full two-SCART set-top box
design.
In an LQFP64 (14 × 14 × 1.4 mm) package, the
STV6412B is compatible with the STV6412A.
Table 1: Device summary
Order code
Packaging
STV6412BD
Tray
STV6412BDT
Tape and reel
LQFP64
(14 × 14 × 1.40 mm)
(Low-profile Quad Flat Pack)
Marking:
STV6412BD
www.st.com


Similar Part No. - STV6412B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6412ADT STMICROELECTRONICS-STV6412ADT Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
More results

Similar Description - STV6412B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
Audio-Video Switch
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com