Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 4 Page - STMicroelectronics

  STV6412B Datasheet HTML 1Page - STMicroelectronics STV6412B Datasheet HTML 2Page - STMicroelectronics STV6412B Datasheet HTML 3Page - STMicroelectronics STV6412B Datasheet HTML 4Page - STMicroelectronics STV6412B Datasheet HTML 5Page - STMicroelectronics STV6412B Datasheet HTML 6Page - STMicroelectronics STV6412B Datasheet HTML 7Page - STMicroelectronics STV6412B Datasheet HTML 8Page - STMicroelectronics STV6412B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
General information
STV6412B
4/32
1.1
I/O pin description
Table 1.
I/O pin description
Pin No.
Symbol
Description
1
VCC
+5 V supply
2
CVBSIN_AUX
CVBS input from auxiliary
3
DECV
Video decoupling capacitor
4
Y/CVBSIN_ENC
Y/CVBS input from encoder
5
GND
Ground
6
YIN_ENC
Y input from encoder
7
RIN_AUX
Audio right input from auxiliary
8
CIN_ENC
Chroma input from encoder
9
LIN_AUX
Audio left input from auxiliary
10
R/CIN_ENC
Red/Chroma input from encoder
11
RIN_ENC
Audio right input from encoder
12
GIN_ENC
Green input from encoder
13
LIN_ENC
Audio left input from encoder
14
BIN_ENC
Blue input from encoder
15
NC
Not connected
16
DECA
Audio decoupling capacitor
17
GND
Ground
18
Y/CVBSIN_VCR
Y/CVBS input from VCR SCART
19
LIN_VCR
Audio left input from VCR SCART
20
RIN_VCR
Audio right input from VCR SCART
21
CVBSIN_TV
CVBS input from TV SCART
22
LIN_TV
Audio left input from TV SCART
23
RIN_TV
Audio right input from TV SCART
24
VCCA (see Figure 2)
9V audio supply voltage output if VCCAO is used as 12V supply voltage
input
or
9V audio supply voltage input, VCCAO must be used as 9V supply
voltage input
25
GNDA
Audio ground
26
NC
Not connected
27
ROUT_CINCH
Audio right output to CINCH
28
LOUT_CINCH
Audio left output to CINCH
29
ROUT_VCR
Audio right output to VCR SCART
30
LOUT_VCR
Audio left output to VCR SCART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com