Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412B Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 21Page - STMicroelectronics STV6412B Datasheet HTML 22Page - STMicroelectronics STV6412B Datasheet HTML 23Page - STMicroelectronics STV6412B Datasheet HTML 24Page - STMicroelectronics STV6412B Datasheet HTML 25Page - STMicroelectronics STV6412B Datasheet HTML 26Page - STMicroelectronics STV6412B Datasheet HTML 27Page - STMicroelectronics STV6412B Datasheet HTML 28Page - STMicroelectronics STV6412B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
STV6412B
Input/output groups
25/32
4
Input/output groups
Figure 7.
Bottom clamped video inputs (pins
2, 4, 6, 12, 14, 18, 21, 62, and 64)
Figure 8.
Average clamped video inputs
(pin 8)
VCC 5V
VCC 5V
2V + VD
Protected pad
15 k
Ω
tri
Protected pad
VCC 5V
IB
VCC 5V
tri
25 k
Ω
25 k
Ω
3V
R/C clamped video inputs (pins 10 and 60)
Figure 9.
Fast blanking output (pin 49)
R/C inputs may be configured either as a bottom
clamped input or as an average clamped input. In either
case, the simplified input schematic is very close to one
of the graphics shown above
Protected pad
VCC 5V
VCCB1 5V
Figure 10.
Fast blanking inputs (pins 50 and
51)
Figure 11.
Video outputs (pins 38, 40, 42, 44,
46, and 48
VDD 5V
Protected pad
tri
Protected pad
Protected Pad
VCCB1,2 ...5 5V
ib
VCC 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com