Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412B Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 15Page - STMicroelectronics STV6412B Datasheet HTML 16Page - STMicroelectronics STV6412B Datasheet HTML 17Page - STMicroelectronics STV6412B Datasheet HTML 18Page - STMicroelectronics STV6412B Datasheet HTML 19Page - STMicroelectronics STV6412B Datasheet HTML 20Page - STMicroelectronics STV6412B Datasheet HTML 21Page - STMicroelectronics STV6412B Datasheet HTML 22Page - STMicroelectronics STV6412B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
STV6412B
I²C bus selection
19/32
Note:
1
Unused data must be set to “0”.
Video
02h
VCR
chroma
muted
VCR video and chroma switch control
TV chroma
muted
TV video and chroma switch control
03h
RGB and
FB tri-state
RGB gain
RGB switch control
Fast blanking
mode/input selection
Miscellaneous
04h
IT enable
SLB mode
Low pass
filter
control
VCR-C output control
RF trap
filter control
RF adder
control
TV R or C
output
selection
05h
VCR slow blanking
TV slow blanking
ENC audio input gain
0/6/9 dB
VCR R/C
sub
clamp
ENC R/C
sub clamp
STB-BY
06h
RF
outputs
TV
outputs
CINCH
outputs
VCR
outputs
AUX
inputs
TV
inputs
VCR
inputs
ENC
inputs
Table 17.
Input signal summary (write mode) (continued)
Reg
Addr
(Hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0
Table 18.
TV audio output
Reg
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00h
Soft volume change
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Active
Disabled
Level adjustment
5
X
X
X
X
0
1
0
1
0
1
0
1
0
1
X
X
0dB
-62 dB (-2 dB/step)
6 dB extra gain
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0dB
+6 dB
TV stereo or mono mode
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Stereo
1 = Mono



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com