Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412B Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 14Page - STMicroelectronics STV6412B Datasheet HTML 15Page - STMicroelectronics STV6412B Datasheet HTML 16Page - STMicroelectronics STV6412B Datasheet HTML 17Page - STMicroelectronics STV6412B Datasheet HTML 18Page - STMicroelectronics STV6412B Datasheet HTML 19Page - STMicroelectronics STV6412B Datasheet HTML 20Page - STMicroelectronics STV6412B Datasheet HTML 21Page - STMicroelectronics STV6412B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
I²C bus selection
STV6412B
18/32
3
I²C bus selection
Data transfers follow the usual I²C format; that is, after the start condition (S), a 7-bit slave
address is sent, followed by an eighth bit (W) that determines whether the data direction is
Read (W=1) or Write (W=0). An 8-bit sub-address is sent to select a register, followed by an
8-bit data word to be included in the register. The IC’s I²C bus decoder enables the
automatic incrementation mode in write mode.
The circuit operates at clock frequencies of up to 400 kHz.
Table 13.
String format
Write only mode (S = Start condition, P = Stop condition, A = Acknowledge)
Table 14.
Read only mode
Table 15.
Slave address
Table 16.
Auto increment mode
3.1
I²C bus addresses
Write address: 1001 01X0, read address: 1001 01X1
Address selection pin grounded: X = 0, write address = 94(hex), read address = 95(hex)
Address selection pin to supply: X = 1, write address = 96(hex), read address = 97(hex)
S
SLAVE ADDRESS
0
A
SUB-ADDRESS
A
DATA
A
P
S
SLAVE ADDRESS
1
A
DATA
A
P
Address
A6A5A4
A3A2A1A0
Value
1
00101
X
S SLAVE ADDRESS 0
A SUB-ADDRESS A DATA0 A
DATA1
A
....
DATAn
A
P
Sub-address
Sub-address +1 Sub-address + N
Table 17.
Input signal summary (write mode)
Reg
Addr
(Hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0
Audio
00h
TV stereo
mono
TV 0/6 dB
TV volume-62 dB to 0 dB - 2 dB steps
Soft
volume
mode
01h
VCR stereo
mono
Not used
(see Note 1)
VCR audio
switch control
CINCH
audio gain
TV/CINCH audio switch control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com