Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247DSX Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 82Page - STMicroelectronics STV8247DSX Datasheet HTML 83Page - STMicroelectronics STV8247DSX Datasheet HTML 84Page - STMicroelectronics STV8247DSX Datasheet HTML 85Page - STMicroelectronics STV8247DSX Datasheet HTML 86Page - STMicroelectronics STV8247DSX Datasheet HTML 87Page - STMicroelectronics STV8247DSX Datasheet HTML 88Page - STMicroelectronics STV8247DSX Datasheet HTML 89Page - STMicroelectronics STV8247DSX Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
Register List
STV82x7
86/156
DSP_STATUS
DSP Status Register
DSP_RUN
I2S_INPUT
0
0: 1 I2S input
1: 3 I2S inputs
DIALOG_CLARITY
0
SRS Dialog Clarity algorithm is present when set.
TRUBASS
0
SRS Trubass algorithm is present when set.
TRUSURROUND
0
SRS Trusurround algorithm is present when set.
PRO_LOGIC
0
Dolby Pro Logic algorithm is present when set.
MULTICHANNEL
0
Multichannels output is present when set.
Address: 84h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
00
0
INIT_MEM
Bit Name
Reset
Function
Bits[7:1]
0000000 Reserved.
INIT_MEM
0
DSP Initialization
0: DSP is not initialized.
1: DSP is initialized.
Address: 85h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
00
HOST_
NO_INIT
HOST_RUN
Bit Name
Reset
Function
Bits[7:6]
00
Reserved
Bits[5:4]
00
Reserved
Bits[3:2]
00
Reserved
HOST_ NO_INIT
0
0: I2C register table is initialized when we soft reset
1: I2C register table is not initialized when we soft reset
HOST_RUN
0
0: soft reset DSP
1: start DSP processing
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com