Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247DSX Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 39Page - STMicroelectronics STV8247DSX Datasheet HTML 40Page - STMicroelectronics STV8247DSX Datasheet HTML 41Page - STMicroelectronics STV8247DSX Datasheet HTML 42Page - STMicroelectronics STV8247DSX Datasheet HTML 43Page - STMicroelectronics STV8247DSX Datasheet HTML 44Page - STMicroelectronics STV8247DSX Datasheet HTML 45Page - STMicroelectronics STV8247DSX Datasheet HTML 46Page - STMicroelectronics STV8247DSX Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 156 page
background image
43/156
STV82x7
I²S Interface (In / Out)
Note: 1 The I²S input and output modes are exclusive (this means that the I2S_DATA0 can be used as input
or as output).
2 Simultaneous processing of I²S inputs and SIF inputs and/or ADC inputs (SCART or MONO inputs)
is NOT possible with the device.
3 I2S_PCM_CLK is not needed for the device.
Both standard and non-standard modes are available, see Figure 29.
Figure 26: I²S Block Diagram
Table 6: I²S Frequency Configuration
I²S
(Max. Number of Channels)
fS Input (kHz)
fS Output (kHz)
after SRC
SRC Use
1 (I²S_DATA0)
8
32.0
x 4
1 (I²S_DATA0)
16
32.0
x 2
332
32.0
No
1 (I²S_DATA0)
11.025
44.1
x 4
1 (I²S_DATA0)
22.05
44.1
x 2
3
44.1
44.1
No
1 (I²S_DATA0)
12
48.0
x 4
1 (I²S_DATA0)
24
48.0
x 2
348
48.0
No
Audio Processing
SRC x 2
SRC x 4
I²S_DATA0
I²S_DATA1
I²S_DATA2
fS Input = 8 to 48 kHz
fS Input = 32 to 48 kHz
fS Input = 32 to 48 kHz
I2S_SCLK
I2S_LR_CLK
fS Input = 32 to 48 kHz
fS Input * 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com