Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247DSX Datasheet(PDF) 47 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 43Page - STMicroelectronics STV8247DSX Datasheet HTML 44Page - STMicroelectronics STV8247DSX Datasheet HTML 45Page - STMicroelectronics STV8247DSX Datasheet HTML 46Page - STMicroelectronics STV8247DSX Datasheet HTML 47Page - STMicroelectronics STV8247DSX Datasheet HTML 48Page - STMicroelectronics STV8247DSX Datasheet HTML 49Page - STMicroelectronics STV8247DSX Datasheet HTML 50Page - STMicroelectronics STV8247DSX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 156 page
background image
47/156
STV82x7
Power Supply Management
8
Power Supply Management
A mixed supply voltage environment requires the following voltages:
● 3.3 V capable inputs/outputs for digital pins;
● 1.8 V digital core;
● 8 V capable inputs/outputs for analog audio interfaces (capability to output 2 VRMS for SCART
requirements);
● 3.3 V for stereo ADC and DAC (analog part);
● 1.8 V for stereo ADC and DAC (digital part);
● 1.8 V for IF ADC and AGC.
These voltages will be delivered by the application with an accuracy of ±5%. For more information,
refer to Section 13.3: Power Supply Data.
Other specific DC voltages or features are provided:
● Voltage Reference and Biasing Generation (AGC, ADCs, DACs),
● Bandgap reference.
8.1
Standby Mode (Loop-through mode)
The STV82x7 provides a Loop-through mode configuration that bypasses IC functions via a SCART
I/O pin (Full Analog Path only). In this case, only a minimum power of 200 mW is required.
In Standby mode, the digital and analog power supplies are switched off, except for pins VCC_H,
VCC33_LS, VCC33_SC, and VCC_NISO which are used to maintain the SCART path with the last
configuration programmed by analog matrixing (register SCART1_2_OUTPUT_CTRL and
SCART3_OUTPUT_CTRL). When switching back to normal Full Power mode, all I²C registers are
reset except for those used in Standby mode to maintain the original configuration.
In Standby mode, the I²C bus does not operate. However, the bus can still be used by other ICs
since the I²C I/O pins (SDA and SCL) of the STV82x7 are forced into a high-impedance
configuration.
8.2
Power on Reset
The following supply voltages are involved for Power on Reset for the STV82x7:
● for 1.8 V: VDD18 on pins 38, 42, 50 and 66, VCC18_CLK1 on pin 54 and VCC18_CLK2 on pin
57.
● for 3.3 V: VDD33_IOI on pin 46 and VDD33_IO2 on pin 59.
The first condition for a valid reset is that all 1.8 V supply voltages involved have reached a minimum
valid voltage of 1.7 V and that all 3.3 V supply voltages involved have reached a minimum valid
voltage of 3.1 V. When this is the case and starting from this point, the reset must be maintained at
a low level (<1 V) for at least 100
µs then put to a high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com