Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247DSX Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 31Page - STMicroelectronics STV8247DSX Datasheet HTML 32Page - STMicroelectronics STV8247DSX Datasheet HTML 33Page - STMicroelectronics STV8247DSX Datasheet HTML 34Page - STMicroelectronics STV8247DSX Datasheet HTML 35Page - STMicroelectronics STV8247DSX Datasheet HTML 36Page - STMicroelectronics STV8247DSX Datasheet HTML 37Page - STMicroelectronics STV8247DSX Datasheet HTML 38Page - STMicroelectronics STV8247DSX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 156 page
background image
35/156
STV82x7
Dedicated Digital Signal Processor (DSP)
4.6.5
Bass Management Configuration 4
This configuration implements the Simplified Dolby configuration. The center, left surround and right
surround channels are summed and then filtered by the LPF. The composite bass information is
either summed back into the left and right channels or summed with the LFE channel and sent to
the subwoofer output, see Figure 18.
4.7
SRS WOW and TruSurround XT
The SRS
® TruSurround XT™ is a processing system that can accept from 1 to 6 channels on input
and that will generate a 2-channel output signal.
This processing system includes the latest SRS
® algorithms:
● SRS
® WOW™
● SRS
® TruSurround® (Multi-channel signal virtualizer)
4.7.1
SRS TruSurround
The SRS
® TruSurround® is a processing that can accept from 2 to 5 channels on input and that will
generate a 2-channel output signal.
SRS
® TruSurround® uses Head-Related Transfer Function (HRTF) -based frequency tailoring of
(L/R) difference signals to extend the sound image out past the physical boundaries of the speaker
placements to surround channel information. These rear channel HRTF curves have much greater
peak to valley differences at center frequencies. These were chosen to cause rear channel
difference signals to virtualize farther behind the listener and directed to a different virtual position
as compared to front channel signals. Information that is equal (L+R) in the rear surround channels
Figure 18: Implementation of the Bass Management Configuration 4 (Simplified Configuration)
C
L
R
Ls
Rs
L
C
R
Ls
Rs
+
+
+
SubW
LFE
Pro Logic
OFF Switch
-5dB
-10.5dB
+
-4.5dB
Subwoofer
ON Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com