Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247DSX Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 30Page - STMicroelectronics STV8247DSX Datasheet HTML 31Page - STMicroelectronics STV8247DSX Datasheet HTML 32Page - STMicroelectronics STV8247DSX Datasheet HTML 33Page - STMicroelectronics STV8247DSX Datasheet HTML 34Page - STMicroelectronics STV8247DSX Datasheet HTML 35Page - STMicroelectronics STV8247DSX Datasheet HTML 36Page - STMicroelectronics STV8247DSX Datasheet HTML 37Page - STMicroelectronics STV8247DSX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
Dedicated Digital Signal Processor (DSP)
STV82x7
34/156
4.6.4
Bass Management Configuration 3
The third configuration, shown in Figure 17, assumes that all speakers except the center are full
range, then all bass information will be directed to and reproduced by the front left and front right
and both surround speakers. In order to provide more flexibility to this configuration, a switch will
offer an option which will produce a subwoofer channel by the LFE channel.
When the Subwoofer Switch is OFF, the input channels will be attenuated by 8 dB. Configuration 3
is required in certain high-end products.
Figure 17: Bass Management Configuration 3 (all switches indicate their reset state)
C
L
R
Ls
Rs
L
C
R
Ls
Rs
SubW
LFE
+
+
+
+
-4dB
-8dB
-4dB
-8dB
-4dB
-8dB
-4dB
-8dB
+
+
+10dB
+8dB
+4dB
+8dB
+4dB
+8dB
+4dB
+8dB
+4dB
+8dB
+4dB
Subwoofer
ON Switch
Subwoofer
ON Switch
Level Adjustment
OFF Switch
-4dB
-4dB
-8dB
-8dB
-4.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com