Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV-366-R01
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV-366-R01 Datasheet HTML 12Page - STMicroelectronics STV-366-R01 Datasheet HTML 13Page - STMicroelectronics STV-366-R01 Datasheet HTML 14Page - STMicroelectronics STV-366-R01 Datasheet HTML 15Page - STMicroelectronics STV-366-R01 Datasheet HTML 16Page - STMicroelectronics STV-366-R01 Datasheet HTML 17Page - STMicroelectronics STV-366-R01 Datasheet HTML 18Page - STMicroelectronics STV-366-R01 Datasheet HTML 19Page - STMicroelectronics STV-366-R01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Operation
VT5366
16/30
5.3
Initialization
It is recommended that the VT5366 autoclear function is activated during a read. To do this
the processor should write the value 0x02 to register 0x20 after enabling the VT5366 (by
setting PowerDown LOW). This only needs to be done once after the power supply has
been applied.
5.4
Reading the X any Y motion vectors
It is recommended that the processor reads the motion data at a rate of around every 2ms.
The X and Y motion information is read using a single I2C ‘multiple read’ transaction. The
sequence is as follows;
(1) Read I2C registers 0x21 (contains X-motion) and 0x22 (contains Y-motion).
Note that these two registers MUST be read with a single I2C ‘multiple read’ transaction.
See
Chapter 6.
As shown above X and Y motion vectors can be read from registers 0x21 and 0x22. The
values are in 2’s complement notation to allow positive and negative motion to be
represented. The values read represent the accumulated motion since the last time the
registers were read. As soon as the registers have been read they will automatically be reset
to 0 and the Motion Detect output (pin 24) will go LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com