Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV-366-R01
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV-366-R01 Datasheet HTML 22Page - STMicroelectronics STV-366-R01 Datasheet HTML 23Page - STMicroelectronics STV-366-R01 Datasheet HTML 24Page - STMicroelectronics STV-366-R01 Datasheet HTML 25Page - STMicroelectronics STV-366-R01 Datasheet HTML 26Page - STMicroelectronics STV-366-R01 Datasheet HTML 27Page - STMicroelectronics STV-366-R01 Datasheet HTML 28Page - STMicroelectronics STV-366-R01 Datasheet HTML 29Page - STMicroelectronics STV-366-R01 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Electrical characteristics
VT5366
26/30
9
Electrical characteristics
9.1
Typical operating conditions
9.2
Logic IO
Note:
All digital inputs/outputs are 1.8V capable, 5V tolerant.
Table 20.
Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vin
Supply voltage
1.7
1.8
1.9
V
Supply current (active)
9
12
mA
Supply current (Power Down Mode)
10
15
µA
Table 21.
Digital IO electrical characteristics
Symbol
Parameter description
Min.
Typ.
Max.
Unit
CMOS digital inputs
VIL
Low level input voltage
0V
0.3VDD
V
VIH
High level input voltage
0.7VDD
5.5V
V
IIL
Low level input current
-1
µA
IIH
High level input current
1
µA
CMOS digital outputs
VOL
Low level output voltage (4mA load)
0.3VDD
V
VOH
High level output voltage (4mA load)
0.7VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com