Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV-366-R01
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R01 Datasheet(HTML) 5 Page - STMicroelectronics

  STV-366-R01 Datasheet HTML 1Page - STMicroelectronics STV-366-R01 Datasheet HTML 2Page - STMicroelectronics STV-366-R01 Datasheet HTML 3Page - STMicroelectronics STV-366-R01 Datasheet HTML 4Page - STMicroelectronics STV-366-R01 Datasheet HTML 5Page - STMicroelectronics STV-366-R01 Datasheet HTML 6Page - STMicroelectronics STV-366-R01 Datasheet HTML 7Page - STMicroelectronics STV-366-R01 Datasheet HTML 8Page - STMicroelectronics STV-366-R01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
VT5366
Functional block diagram
5/30
2
Functional block diagram
Figure 2.
Block diagram
TRK_LED
Pixel Array
AVDD DVDD
LED control
VT5366
6MHz resonator
MCU
SDA
SCL
Motion
Power Down
Controller
(1.8V)
RF Modulator
+ Amp
Buttons/
Scroll Wheel
X0
XI
Power supply
VLevel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com