Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV-366-R01
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV-366-R01 Datasheet HTML 17Page - STMicroelectronics STV-366-R01 Datasheet HTML 18Page - STMicroelectronics STV-366-R01 Datasheet HTML 19Page - STMicroelectronics STV-366-R01 Datasheet HTML 20Page - STMicroelectronics STV-366-R01 Datasheet HTML 21Page - STMicroelectronics STV-366-R01 Datasheet HTML 22Page - STMicroelectronics STV-366-R01 Datasheet HTML 23Page - STMicroelectronics STV-366-R01 Datasheet HTML 24Page - STMicroelectronics STV-366-R01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
VT5366
Serial control bus
21/30
6.3.3
No data write followed by same location read
When a location is to be read, but the value of the stored index is not known, a write
message with no data byte must be written first, specifying the index. The read message
then completes the message sequence. To avoid relinquishing the serial to bus to another
master a repeated start condition is asserted between the write and read messages. In this
example, the
gain value (index = 36) is read as 15.
Figure 12.
No data write followed by same location read
Note that the read message must be terminated with a
negative acknowledge (A) from the
master. A positive acknowledge at this point would indicate that a multiple read was required
and the slave would put the first bit of the next byte onto the SDA line. If this was a 0 then the
SDA would be held low and the master would not be able to issue a STOP.
6.3.4
Multiple data read
Figure 13.
Multiple data read
This example assumes that a write message has already taken place. Note that the read
message is terminated with a negative acknowledge (A) from the master: it is not
guaranteed that the master will be able to issue a stop condition at any other time during a
read message. This is because if the data sent by the slave is all zeros, the
sda line cannot
rise, which is part of the stop condition.
SA
Sr
A
A
P
20h
36
21h
15
A
No data write
Read data
from the master
NAck
S
21h
A
aa
A
85
A
P
Start
Device
Ack from slave
address
Data (@current index+1)
Stop
Ack
from the master
from the master
NAck
Data (@current index)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com