Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R01 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV-366-R01
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R01 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV-366-R01 Datasheet HTML 21Page - STMicroelectronics STV-366-R01 Datasheet HTML 22Page - STMicroelectronics STV-366-R01 Datasheet HTML 23Page - STMicroelectronics STV-366-R01 Datasheet HTML 24Page - STMicroelectronics STV-366-R01 Datasheet HTML 25Page - STMicroelectronics STV-366-R01 Datasheet HTML 26Page - STMicroelectronics STV-366-R01 Datasheet HTML 27Page - STMicroelectronics STV-366-R01 Datasheet HTML 28Page - STMicroelectronics STV-366-R01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
VT5366
LED selection
25/30
8
LED selection
8.1
Overview
There are a number of LEDs from a range of suppliers which will work well with the VT5366.
It is the responsibility of the customer to ensure that the chosen LED works in their specific
implementation. There are various price/performance trade-offs which may be made if the
customer chooses to do so.
8.2
Key LED parameters
The VT5366 system requires a bright visible RED LED in a standard 5 mm (T1 3/4)
package. The ideal viewing angle is 20o and the intensity should be at least 900mcd at a
forward current of 20mA. The key LED parameters are listed in
Table 19.
8.3
VCSEL & IR Illumination
The 366 sensor will operate over a wide range of illuminant wavelengths. For devices
operating at approx 850nm (IR LED or VCSEL), the on-die automatic exposure controller
(AEC) will compensate for the change in sensitivity compared to 640nm (red LED).
Navigation performance may be improved by increasing the illuminated device drive.
Table 19.
Key LED parameters
Parameter
Recommended value
Notes
Diameter
5 mm
Important for fit with lens
Length
8.6 mm
Important for fit with lens
Material
AlInGaP
For long-term reliability
Luminous intensity (@20mA)
900 mcd
Minimum value
Viewing angle
20 o
Half intensity
Mechanical accuracy
+/- 2 o
Accuracy of the die positioning
within the LED body
Color
Red
Wavelength
640 nm +/- 50 nm
Relative Illumination at sensor
plane for a circle of 1.1 mm
diameter
80%
Illumination value required for
Red/IR Led and VCSEL
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com