Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCCLIENT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPCCLIENT
Description  PC Compatible Embedded Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCCLIENT Datasheet(HTML) 1 Page - STMicroelectronics

  STPCCLIENT Datasheet HTML 1Page - STMicroelectronics STPCCLIENT Datasheet HTML 2Page - STMicroelectronics STPCCLIENT Datasheet HTML 3Page - STMicroelectronics STPCCLIENT Datasheet HTML 4Page - STMicroelectronics STPCCLIENT Datasheet HTML 5Page - STMicroelectronics STPCCLIENT Datasheet HTML 6Page - STMicroelectronics STPCCLIENT Datasheet HTML 7Page - STMicroelectronics STPCCLIENT Datasheet HTML 8Page - STMicroelectronics STPCCLIENT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Issue 1.7
1/48
®
STPC CLIENT
PC Compatible Embedded Microprocessor
February 8, 2000
Figure 1. Logic Diagram
POWERFUL X86 PROCESSOR
64-BIT 66MHz BUS INTERFACE
64-BIT DRAM CONTROLLER
SVGA GRAPHICS CONTROLLER
UMA ARCHITECTURE
VIDEO SCALER
VIDEO OUTPUT PORT
VIDEO INPUT PORT
CRT CONTROLLER
135MHz RAMDAC
2 OR 3 LINE FLICKER FILTER
SCAN CONVERTER
PCI MASTER / SLAVE / ARBITER
ISA MASTER/SLAVE
IDE CONTROLLER
DMA CONTROLLER
INTERRUPT CONTROLLER
TIMER / COUNTERS
POWER MANAGEMENT
STPC CLIENT OVERVIEW
The STPC Client integrates a standard 5th
generation x86 core, a DRAM controller, a
graphics
subsystem, a
video
pipeline,
and
support
logic including PCI, ISA, and IDE
controllers
to
provide
a
single
Consumer
orientated PC compatible subsystem on a single
device.
The device is based on a tightly coupled Unified
Memory Architecture (UMA), sharing the same
memory array between the CPU main memory
and the graphics and video frame buffers.
Extra facilities are implemented to handle video
streams. Features include smooth scaling and
colour space conversion of the video input stream
and mixing of the video stream with non-video
data from the frame buffer. The chip also includes
anti-flicker filters to provide a stable, high-quality
Digital TV output.
The STPC Client is packaged in a 388 Plastic Ball
Grid Array (PBGA).
PBGA388
x86
Core
Host I/F
DRAM
VIP
PCI
PCI BUS
ISA
EID
PCI
ISA BUS
CRT
HW
Monitor
TV Output
SYNC Output
Col-
Col-
our
Vid-
CCIR Input
EIDE
2D
Anti-
IPC


Similar Part No. - STPCCLIENT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCC01 STMICROELECTRONICS-STPCC01 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPCC0110BTC3 STMICROELECTRONICS-STPCC0110BTC3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPCC0166BTC3 STMICROELECTRONICS-STPCC0166BTC3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPCC0166BTI3 STMICROELECTRONICS-STPCC0166BTI3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPCC0180BTC3 STMICROELECTRONICS-STPCC0180BTC3 Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
More results

Similar Description - STPCCLIENT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-S STMICROELECTRONICS-STPCCONSUMER-S Datasheet
836Kb / 51P
PC Compatible Embeded Microprocessor
29-Oct-1999
STPCCONSUMER STMICROELECTRONICS-STPCCONSUMER Datasheet
726Kb / 51P
PC Compatible Embeded Microprocessor
02-Aug-2000
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
PC Compatible Embedded Microprocessor
11-May-1999
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80386EX INTEL-80386EX Datasheet
766Kb / 56P
Intel386 EX Embedded Microprocessor
logo
fujitsu semiconductor
MB93423 FUJITSU-MB93423 Datasheet
659Kb / 55P
VLIW Embedded Microprocessor
logo
Intel Corporation
JA80386EXTC25 INTEL-JA80386EXTC25 Datasheet
591Kb / 56P
Intel386??EX Embedded Microprocessor
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A_15 Datasheet
111Kb / 2P
Embedded Microprocessor
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
Microprocessor-Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com