Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCCLIENT Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPCCLIENT
Description  PC Compatible Embedded Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCCLIENT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPCCLIENT Datasheet HTML 21Page - STMicroelectronics STPCCLIENT Datasheet HTML 22Page - STMicroelectronics STPCCLIENT Datasheet HTML 23Page - STMicroelectronics STPCCLIENT Datasheet HTML 24Page - STMicroelectronics STPCCLIENT Datasheet HTML 25Page - STMicroelectronics STPCCLIENT Datasheet HTML 26Page - STMicroelectronics STPCCLIENT Datasheet HTML 27Page - STMicroelectronics STPCCLIENT Datasheet HTML 28Page - STMicroelectronics STPCCLIENT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
UPDATE HISTORY FOR PIN DESCRIPTION CHAPTER
Issue 1.7 - February 8, 2000
25/48
2.3 UPDATE HISTORY FOR PIN DESCRIPTION CHAPTER
The following changes have been made to the Pin Description Chapter on 08/02/2000
The following changes have been made to the Pin Description Chapter on 13/01/2000
DCLK
Dot Clock / Pixel clock. This clock supplies the display controller, the video pipeline, the ramdac,
and the TV output logic. Its value is dependent on the selected display mode.
Its frequency can be as high as 135 MHz. This signal is either driven by the internal PLL to a minimum of
8MHz or by an external oscillator. The direction can be controlled by a strap option or an internal register
bit.
The following changes have been made to the Pin Description Chapter on 28/09/99
The following changes have been made to the Pin Description Chapter on 23/09/99
The following changes have been made to the Pin Description Chapter on 11/08/99
Removed statement; “The direction can be controlled by a strap option or an internal register bit.”
Section
Change
Text
2.2.3.
Replaced
Signals VIDEO_D[7:0] with VIN, VTV_BT# with ODD_EVEN, VTV_SYNCH with VCS.
Section
Change
Text
2.2.
Added
to a minimum of 8MHz”
Section
Change
Text
Table 2-1.
Changed
Updated signal pin counts and added abbreviations to table.
Figure 2-1.
Changed
Updated External interface pin count
Table 2-2.
Replaced
“PWGD” with “SYSRSTI#”
2.2.1.
Moved
PCI_CLKI and PCI_CLKO moved from 2.2.1. to 2.2.5.
2.2.1.
Moved
ISA_CLK and ISA_CLKX2 moved from 2.2.1. to 2.2.8.
2.2.3.
Replaced
“Video Interface” with “Video Input”
Section
Change
Text
2.2.13.
Added
“Note;
By setting signals ST[3:0] to the following value allows the STPC to be put
Tristate. This means the STPC is switched off and no signals are being driven.“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com