Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCCLIENT Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPCCLIENT
Description  PC Compatible Embedded Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCCLIENT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPCCLIENT Datasheet HTML 40Page - STMicroelectronics STPCCLIENT Datasheet HTML 41Page - STMicroelectronics STPCCLIENT Datasheet HTML 42Page - STMicroelectronics STPCCLIENT Datasheet HTML 43Page - STMicroelectronics STPCCLIENT Datasheet HTML 44Page - STMicroelectronics STPCCLIENT Datasheet HTML 45Page - STMicroelectronics STPCCLIENT Datasheet HTML 46Page - STMicroelectronics STPCCLIENT Datasheet HTML 47Page - STMicroelectronics STPCCLIENT Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
ORDERING DATA
Issue 1.7 - February 8, 2000
47/48
7.2 AVAILABLE PART NUMBERS
7.3 CUSTOMER SERVICE
More
information
is
available
on
the
STMicroelectronics
internet
site
http://
www.ST.com/STPC.
Any specific questions are to be addressed direct-
ly to the local ST Sales Office.
Part Number
Core Frequency
( MHz )
CPU Mode
(DX / DX2 )
Tcase Range
(
°C)
Operating Voltage
(V )
STPCD0166BTC3
66
DX
0
°C to +100°C
3.3V
± 0.3V
STPCD0175BTC3
75
DX
STPCD0166BTI3
66
DX
-40
°C to +100°C
STPCD0175BTI3
75
DX
STPCD0166BTA3
66
DX
-40
°C to +115°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com