Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCCLIENT Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPCCLIENT
Description  PC Compatible Embedded Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCCLIENT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPCCLIENT Datasheet HTML 7Page - STMicroelectronics STPCCLIENT Datasheet HTML 8Page - STMicroelectronics STPCCLIENT Datasheet HTML 9Page - STMicroelectronics STPCCLIENT Datasheet HTML 10Page - STMicroelectronics STPCCLIENT Datasheet HTML 11Page - STMicroelectronics STPCCLIENT Datasheet HTML 12Page - STMicroelectronics STPCCLIENT Datasheet HTML 13Page - STMicroelectronics STPCCLIENT Datasheet HTML 14Page - STMicroelectronics STPCCLIENT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
PIN DESCRIPTION
Issue 1.7 - February 8, 2000
11/48
2.PIN DESCRIPTION
2.1. INTRODUCTION
The STPC Client integrates most of the functional-
ities of the PC architecture. As a result, many of
the traditional interconnections between the host
PC microprocessor and the peripheral devices are
totally assimilated to the STPC Client. This offers
improved performance due to the tight coupling of
the processor core and its peripherals. As a result
many of the external pin connections are made di-
rectly to the on-chip peripheral functions.
Figure 2-1 shows the STPC Client’s external inter-
faces. It defines the main busses and their func-
tion. Table 2-1 describes the physical implementa-
tion listing signals type and their functionality. Ta-
ble 2-2 provides a full pin listing and description of
the pins. Table 2-3 provides a full listing of pin lo-
cations of the STPC Client package by physical
connection. Please refer to the pin allocation
drawing for reference.
Note: Several interface pins are multiplexed with
other functions, refer to the Pin Description sec-
tion for further details
Table 2-1. Signal Description
Group name
Qty
Basic Clocks reset & Xtal (SYS)
14
Memory Interface (DRAM)
89
PCI interface (excluding VDD5)
54
ISA / IDE / IPC combined interface
83
Video Input (VIP)
9
TV Output (TV)
10
VGA Monitor interface (VGA)
10
Grounds
69
VDD
26
Analog specific VCC/VDD
14
Reserved/Test/ Misc./ Speaker
10
Total Pin Count
388
Figure 2-1. STPC Client External Interfaces
SOUTH
NORTH
PCI
X86
DRAM
VGA
VIP
TV
SYS
ISA/IDE
IPC
89
10
9
10
54
14
73
10
STPC CLIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com