Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCCLIENT Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPCCLIENT
Description  PC Compatible Embedded Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCCLIENT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPCCLIENT Datasheet HTML 26Page - STMicroelectronics STPCCLIENT Datasheet HTML 27Page - STMicroelectronics STPCCLIENT Datasheet HTML 28Page - STMicroelectronics STPCCLIENT Datasheet HTML 29Page - STMicroelectronics STPCCLIENT Datasheet HTML 30Page - STMicroelectronics STPCCLIENT Datasheet HTML 31Page - STMicroelectronics STPCCLIENT Datasheet HTML 32Page - STMicroelectronics STPCCLIENT Datasheet HTML 33Page - STMicroelectronics STPCCLIENT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
ELECTRICAL SPECIFICATIONS
30/48
Issue 1.7 - February 8, 2000
4. ELECTRICAL SPECIFICATIONS
4.1 INTRODUCTION
The electrical specifications in this chapter are val-
id for the STPC Client.
4.2 ELECTRICAL CONNECTIONS
4.2.1 POWER/GROUND CONNECTIONS/
DECOUPLING
Due to the high frequency of operation of the
STPC Client, it is necessary to install and test this
device using standard high frequency techniques.
The high clock frequencies used in the STPC Cli-
ent and its output buffer circuits can cause tran-
sient power surges when several output buffers
switch output levels simultaneously. These effects
can be minimized by filtering the DC power leads
with low-inductance decoupling capacitors, using
low impedance wiring, and by utilizing all of the
VSS and VDD pins.
4.2.2 UNUSED INPUT PINS
All inputs not used by the designer and not listed
in the table of pin connections in Chapter 3 should
be connected either to VDD or to VSS. Connect
active-high inputs to VDD through a 20 kW
(
±10%) pull-down resistor and active-low inputs to
VSS and connect active-low inputs to VCC
through a 20 kW (
±10%) pull-up resistor to pre-
vent spurious operation.
4.2.3 RESERVED DESIGNATED PINS
Pins designated reserved should be left discon-
nected. Connecting a reserved pin to a pull-up re-
sistor, pull-down resistor, or an active signal could
cause unexpected results and possible circuit
malfunctions.
4.3 ABSOLUTE MAXIMUM RATINGS
The following table lists the absolute maximum
ratings for the STPC Client device. Stresses be-
yond those listed under Table 4-1 limits may
cause permanent damage to the device. These
are stress ratings only and do not imply that oper-
ation under any conditions other than those spec-
ified in section ”Operating Conditions”.
Exposure to conditions beyond Table 4-1 may (1)
reduce device reliability and (2) result in prema-
ture failure even when there is no immediately ap-
parent sign of failure. Prolonged exposure to con-
ditions at or near the absolute maximum ratings
(Table 4-1) may also result in reduced useful life
and reliability.
Note 1 : -40
°C limit of T
CASE (extended temperature
range) is given a s a preliminary specification and so as
all the -40
°C related data.
Table 4-1. Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Units
VDDx
DC Supply Voltage
-0.3
4.0
V
VI,VO
Digital Input and Output Voltage
-0.3
VDD + 0.3
V
V5T
5Volt Tolerance
2.5
5
V
VESD
ESD Capacity (Human body mode)
1500
V
TSTG
Storage Temperature
-40
+150
°C
TCASE
Operating Case Temperature (Note 1)
-40
+100
°C
PTOT
Total Power Dissipation
4.8
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com