Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EDBC Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPC4EDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EDBC Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPC4EDBC Datasheet HTML 26Page - STMicroelectronics STPC4EDBC Datasheet HTML 27Page - STMicroelectronics STPC4EDBC Datasheet HTML 28Page - STMicroelectronics STPC4EDBC Datasheet HTML 29Page - STMicroelectronics STPC4EDBC Datasheet HTML 30Page - STMicroelectronics STPC4EDBC Datasheet HTML 31Page - STMicroelectronics STPC4EDBC Datasheet HTML 32Page - STMicroelectronics STPC4EDBC Datasheet HTML 33Page - STMicroelectronics STPC4EDBC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
STRAP OPTIONS
30/93
Release 1.5 - January 29, 2002
3.1.3. ADPC STRAP REGISTER 2 CONFIGURATION
Strap2
Access = 0022h/0023h
Regoffset = 04Ch
76543210
See Table
below
Rsv
MD[20]
MD[19]
MD[18]
See Table
below
Rsv
This register defaults to the values sampled on MD pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7
Rsv
For the parts referenced STPCC4, Reserved
MD[40]
For the parts referenced STPCC5, this bit reflects the value sampled on
MD[40] is used is used to set the clock multiplication factor of the 486
core, as follows:
MD[40]
0
DX (X1)
1
DX2 (X2)
This strap is not readable in a register for the STPCC4.
Bit 6-5
Rsv
Reserved
Bits 4
MD[20]
This bit reflects the value sampled on MD[20] pin and controls
the Dot clock (DCLK) source as follows:
0: External. DCLK pin is an input.
1: Internal. DCLK pin is an output and is connected to the
internal frequency synthesizer output. Note this bit is writeable
as well as readable.
Bit 3
Rsv
Reserved
Bit 2
Rsv
Reserved
Bit 1
MD[17]
For the parts referenced STPCC4, see section Section 3.1.1.bits 1:0.
Rsv
For the parts referenced STPCC5.This bit is reserved and not connected
Bit 0
Rsv
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com