Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EDBC Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPC4EDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EDBC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPC4EDBC Datasheet HTML 31Page - STMicroelectronics STPC4EDBC Datasheet HTML 32Page - STMicroelectronics STPC4EDBC Datasheet HTML 33Page - STMicroelectronics STPC4EDBC Datasheet HTML 34Page - STMicroelectronics STPC4EDBC Datasheet HTML 35Page - STMicroelectronics STPC4EDBC Datasheet HTML 36Page - STMicroelectronics STPC4EDBC Datasheet HTML 37Page - STMicroelectronics STPC4EDBC Datasheet HTML 38Page - STMicroelectronics STPC4EDBC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.5 - January 29, 2002
35/93
Note 1: PCI clock at 33MHz
Table 4-5. VGA RAMDAC Power Consumption
DCLK
(MHz)
DAC mode
(State)
PMax (mW)
VDD_DAC = 2.45V
VDD_DAC = 2.7V
-
Shutdown
0
0
6.25 - 135
Active
150
180
Table 4-6. 2.5V Power Consumptions (VCORE + VDD_x_PLL + VDD_DAC)
HCLK
(MHz)
CPUCLK
(MHz)
MCLK
(MHz)
Mode
DCLK
(MHz)
PMU
(State)
PMax (W)
V2.5V=2.45V
V2.5V=2.7V
66
66 (x1)
66
SYNC
Stopped
Stop Clock
0.6
0.9
Full Speed
1.4
1.8
135
Stop Clock
0.9
1.2
Full Speed
1.7
2.3
100
100 (x1)
100
SYNC
Stopped
Stop Clock
0.8
1.1
Full Speed
1.5
2.0
135
Stop Clock
1.5
1.9
Full Speed
2.1
2.7
66
133 (x2)
66
SYNC
Stopped
Stop Clock
0.7
0.9
Full Speed
1.7
2.1
135
Stop Clock
0.9
1.2
Full Speed
1.9
2.5
66
133 (x2)
100
ASYNC
Stopped
Stop Clock
0.8
1.1
Full Speed
1.6
2.1
135
Stop Clock
1.5
1.9
Full Speed
2.3
2.9
Table 4-7. 3.3V Power Consumptions (VDD)
HCLK
(MHz)
CPUCLK
(MHz)
MCLK
(MHz)
DCLK
(MHz)
PMU
(State)
PMax
(mW)
66
66 (x1)
66
6.26
Full Speed
90
135
160
100
100 (x1)
100
6.26
Full Speed
115
135
180
66
133 (x2)
66
6.26
Full Speed
100
135
165
66
133 (x2)
100
6.26
Full Speed
115
135
180
Table 4-8. PLL Power Consumptions
PLL name
PMax (mW)
VDD_PLL = 2.45V
VDD_PLL = 2.7V
VDD_DCLK_PLL
5
10
VDD_DEVCLK_PLL
5
10
VDD_HCLKI_PLL
5
10
VDD_HCLKO_PLL
5
10
VDD_MCLKI_PLL
5
10
VDD_MCLKO_PLL
5
10
VDD_PCICLK_PLL
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com