Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EDBC Datasheet(PDF) 54 Page - STMicroelectronics

Part # STPC4EDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EDBC Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STPC4EDBC Datasheet HTML 50Page - STMicroelectronics STPC4EDBC Datasheet HTML 51Page - STMicroelectronics STPC4EDBC Datasheet HTML 52Page - STMicroelectronics STPC4EDBC Datasheet HTML 53Page - STMicroelectronics STPC4EDBC Datasheet HTML 54Page - STMicroelectronics STPC4EDBC Datasheet HTML 55Page - STMicroelectronics STPC4EDBC Datasheet HTML 56Page - STMicroelectronics STPC4EDBC Datasheet HTML 57Page - STMicroelectronics STPC4EDBC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
ELECTRICAL SPECIFICATIONS
54/93
Release 1.5 - January 29, 2002
Tjset
TMS setup time
200
ns
Tjhld
TMS hold time
200
ns
Tjset
TDI setup time
200
ns
Tjhld
TDI hold time
200
ns
Tjout
TCLK to TDO valid
30
ns
Tpset
STPC pin setup time
30
ns
Tphld
STPC pin hold time
30
ns
Tpout
TCLK to STPC pin valid
30
ns
Table 4-19. JTAG AC Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com