Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EDBC Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPC4EDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EDBC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPC4EDBC Datasheet HTML 36Page - STMicroelectronics STPC4EDBC Datasheet HTML 37Page - STMicroelectronics STPC4EDBC Datasheet HTML 38Page - STMicroelectronics STPC4EDBC Datasheet HTML 39Page - STMicroelectronics STPC4EDBC Datasheet HTML 40Page - STMicroelectronics STPC4EDBC Datasheet HTML 41Page - STMicroelectronics STPC4EDBC Datasheet HTML 42Page - STMicroelectronics STPC4EDBC Datasheet HTML 43Page - STMicroelectronics STPC4EDBC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
ELECTRICAL SPECIFICATIONS
40/93
Release 1.5 - January 29, 2002
4.5.3. SDRAM INTERFACE
Figure 4-5, Table 4-10 lists the AC characteristics
of the SDRAM interface.
For correct operation, the programmable read
clock delay (RDCLK) must be activated for the
CRTC and the delay set to the minimum. This is
done by setting the Latch_CRTC_Data_In bit in
the SDRAM Controller register 0 and clear the
bits[3:0] in register 1.
The PC133 memory is recommended to reach
100MHz operation.
Figure 4-5. SDRAM Timing Diagram
MCLKI
STPC.output
STPC.input
MCLKx
Tdelay
Tsetup
Thold
Toutput (min)
Toutput (max)
Tcycle
Thigh
Tlow
Table 4-10. SDRAM Bus AC Timing
Name
Parameter
Min
Typ
Max
Unit
Tcycle
MCLKI Cycle Time
10
ns
Thigh
MCLKI High Time
4
ns
Tlow
MCLKI Low Time
4
ns
MCLKI Rising Time
1
ns
MCLKI Falling Time
1
ns
Tdelay
MCLKx to MCLKI delay
-0.9
ns
Toutput
MCLKI to Outputs Valid
5.2
7
ns
MCLKI to DQM[ ] Outputs Valid
6.5
8.8
ns
MCLKI to MD[ ] Outputs Valid
6.5
8.8
ns
Tsetup
MD[63:0] setup to MCKLI
3.75
4.0
ns
Thold
MD[63:0] hold from MCKLI
1.3
2.5
ns
Note: These timing are for a load of 50pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com