Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EDBC Datasheet(PDF) 46 Page - STMicroelectronics

Part # STPC4EDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EDBC Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STPC4EDBC Datasheet HTML 42Page - STMicroelectronics STPC4EDBC Datasheet HTML 43Page - STMicroelectronics STPC4EDBC Datasheet HTML 44Page - STMicroelectronics STPC4EDBC Datasheet HTML 45Page - STMicroelectronics STPC4EDBC Datasheet HTML 46Page - STMicroelectronics STPC4EDBC Datasheet HTML 47Page - STMicroelectronics STPC4EDBC Datasheet HTML 48Page - STMicroelectronics STPC4EDBC Datasheet HTML 49Page - STMicroelectronics STPC4EDBC Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
ELECTRICAL SPECIFICATIONS
46/93
Release 1.5 - January 29, 2002
41
SA[19:0] SBHE valid to IOCHRDY negated
41a
Memory access to 16-bit ISA Slave
6T
Cycles
41b
Memory access to 8-bit ISA Slave
12T
Cycles
41c
I/O access to 16-bit ISA Slave
6T
Cycles
41d
I/O access to 8-bit ISA Slave
12T
Cycles
42
SA[19:0] SBHE valid to read data valid
42b
Memory access to 16-bit ISA Slave Standard cycle
4T
Cycles
42e
Memory access to 8-bit ISA Slave Standard cycle
10T
Cycles
42h
I/O access to 16-bit ISA Slave Standard cycle
4T
Cycles
42l
I/O access to 8-bit ISA Slave Standard cycle
10T
Cycles
47
MEMR#, MEMW#, SMEMR#, SMEMW#, IOR#, IOW# asserted to IOCHRDY negated
47a
Memory access to 16-bit ISA Slave
2T
Cycles
47b
Memory access to 8-bit ISA Slave
5T
Cycles
47c
I/O access to 16-bit ISA Slave
2T
Cycles
47d
I/O access to 8-bit ISA Slave
5T
Cycles
48
MEMR#, SMEMR#, IOR# asserted to read data valid
48b
Memory access to 16-bit ISA Slave Standard Cycle
2T
Cycles
48e
Memory access to 8-bit ISA Slave Standard Cycle
5T
Cycles
48h
I/O access to 16-bit ISA Slave Standard Cycle
2T
Cycles
48l
I/O access to 8-bit ISA Slave Standard Cycle
5T
Cycles
54
IOCHRDY asserted to read data valid
54a
Memory access to 16-bit ISA Slave
1T(R)/2T(W)
Cycles
54b
Memory access to 8-bit ISA Slave
1T(R)/2T(W)
Cycles
54c
I/O access to 16-bit ISA Slave
1T(R)/2T(W)
Cycles
54d
I/O access to 8-bit ISA Slave
1T(R)/2T(W)
Cycles
55a
IOCHRDY asserted to MEMR#, MEMW#, SMEMR#, SMEMW#,
IOR#, IOW# negated
1T
Cycles
55b
IOCHRY asserted to MEMR#, SMEMR# negated (refresh)
1T
Cycles
56
IOCHRDY asserted to next ALE# asserted
2T
Cycles
57
IOCHRDY asserted to SA[19:0], SBHE invalid
2T
Cycles
58
MEMR#, IOR#, SMEMR# negated to read data invalid
0T
Cycles
59
MEMR#, IOR#, SMEMR# negated to data bus float
0T
Cycles
61
Write data before MEMW# asserted
61a
Memory access to 16-bit ISA Slave
2T
Cycles
61b
Memory access to 8-bit ISA Slave (Byte copy at end of
start)
2T
Cycles
61
Write data before SMEMW# asserted
61c
Memory access to 16-bit ISA Slave
2T
Cycles
61d
Memory access to 8-bit ISA Slave
2T
Cycles
61
Write Data valid before IOW# asserted
61e
I/O access to 16-bit ISA Slave
2T
Cycles
61f
I/O access to 8-bit ISA Slave
2T
Cycles
64a
MEMW# negated to write data invalid - 16-bit
1T
Cycles
64b
MEMW# negated to write data invalid - 8-bit
1T
Cycles
64c
SMEMW# negated to write data invalid - 16-bit
1T
Cycles
64d
SMEMW# negated to write data invalid - 8-bit
1T
Cycles
Table 4-13. ISA Bus AC Timing
Name
Parameter
Min
Max
Units
Note: The signal numbering refers to Table 4-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com