Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBI Datasheet(PDF) 74 Page - STMicroelectronics

Part # STPC4HDBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBI Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STPC4HDBI Datasheet HTML 70Page - STMicroelectronics STPC4HDBI Datasheet HTML 71Page - STMicroelectronics STPC4HDBI Datasheet HTML 72Page - STMicroelectronics STPC4HDBI Datasheet HTML 73Page - STMicroelectronics STPC4HDBI Datasheet HTML 74Page - STMicroelectronics STPC4HDBI Datasheet HTML 75Page - STMicroelectronics STPC4HDBI Datasheet HTML 76Page - STMicroelectronics STPC4HDBI Datasheet HTML 77Page - STMicroelectronics STPC4HDBI Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
DESIGN GUIDELINES
74/93
Release 1.5 - January 29, 2002
6.3.9. VGA INTERFACE
The STPC integrates a voltage reference and
video buffers. The amount of external devices is
then limited to the minimum as described in the
Figure 6-14.
All the resistors and capacitors have to be as
close as possible to the STPC while the circuit
protector DALC112S1 must be close to the VGA
connector.
The DDC[1:0] lines, not represented here, have
also to be protected when they are used on the
VGA connector.
COL_SEL can be used when implementing the
Picture-In-Picture function outside the STPC, for
example when multiplexing an analog video
source. In that case, the CRTC of the STPC has to
be genlocked to this analog source.
DCLK is usually used by the TFT display which
has RGB inputs in order to synchronise the picture
at the level of the pixel.
When the VGA interface is not needed, the signals
R, G, B, HSYNC, VSYNC, COMP, RSET can be
left unconnected, VSS_DAC and VDD_DAC must
then be connected to GND.
Figure 6-14. Typical VGA implementation
143
VDD_DAC
COMP
VREF_DAC
RSET
VSS_DAC
2.5V
10nF
100nF 47uF
AGND
COL_SEL
DCLK
HSYNC
VSYNC
R
G
B
75 1%
DALC112S1
AGND
3.3V
100nF
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com