Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBI Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPC4HDBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBI Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPC4HDBI Datasheet HTML 40Page - STMicroelectronics STPC4HDBI Datasheet HTML 41Page - STMicroelectronics STPC4HDBI Datasheet HTML 42Page - STMicroelectronics STPC4HDBI Datasheet HTML 43Page - STMicroelectronics STPC4HDBI Datasheet HTML 44Page - STMicroelectronics STPC4HDBI Datasheet HTML 45Page - STMicroelectronics STPC4HDBI Datasheet HTML 46Page - STMicroelectronics STPC4HDBI Datasheet HTML 47Page - STMicroelectronics STPC4HDBI Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
ELECTRICAL SPECIFICATIONS
44/93
Release 1.5 - January 29, 2002
10d Memory access to 8-bit ISA Slave
2T
Cycle
10e
SA[19:0] & SBHE valid before IOR#, IOW# asserted
2T
Cycles
11
ISACLK2X to IOW# valid
11a Memory access to 16-bit ISA Slave - 2BCLK
2T
Cycles
11b Memory access to 16-bit ISA Slave - Standard 3BCLK
2T
Cycles
11c Memory access to 16-bit ISA Slave - 4BCLK
2T
Cycles
11d Memory access to 8-bit ISA Slave - 2BCLK
2T
Cycles
11e
Memory access to 8-bit ISA Slave - Standard 3BCLK
2T
Cycles
12
ALE# asserted before ALE# negated
1T
Cycles
13
ALE# asserted before MEMR#, MEMW# asserted
13a Memory Access to 16-bit ISA Slave
2T
Cycles
13b Memory Access to 8-bit ISA Slave
2T
Cycles
13
ALE# asserted before SMEMR#, SMEMW# asserted
13c Memory Access to 16-bit ISA Slave
2T
Cycles
13d Memory Access to 8-bit ISA Slave
2T
Cycles
13e
ALE# asserted before IOR#, IOW# asserted
2T
Cycles
14
ALE# asserted before AL[23:17]
14a Non compressed
15T
Cycles
14b Compressed
15T
Cycles
15
ALE# asserted before MEMR#, MEMW#, SMEMR#, SMEMW# negated
15a Memory Access to 16-bit ISA Slave- 4 BCLK
11T
Cycles
15e Memory Access to 8-bit ISA Slave- Standard Cycle
11T
Cycles
18a
ALE# negated before LA[23:17] invalid (non compressed)
14T
Cycles
18a
ALE# negated before LA[23:17] invalid (compressed)
14T
Cycles
22
MEMR#, MEMW# asserted before LA[23:17]
22a Memory access to 16-bit ISA Slave.
13T
Cycles
22b Memory access to 8-bit ISA Slave.
13T
Cycles
23
MEMR#, MEMW# asserted before MEMR#, MEMW# negated
23b Memory access to 16-bit ISA Slave Standard cycle
9T
Cycles
23e Memory access to 8-bit ISA Slave Standard cycle
9T
Cycles
23
SMEMR#, SMEMW# asserted before SMEMR#, SMEMW# negated
23h Memory access to 16-bit ISA Slave Standard cycle
9T
Cycles
23l Memory access to 16-bit ISA Slave Standard cycle
9T
Cycles
23
IOR#, IOW# asserted before IOR#, IOW# negated
23o Memory access to 16-bit ISA Slave Standard cycle
9T
Cycles
23r Memory access to 8-bit ISA Slave Standard cycle
9T
Cycles
24
MEMR#, MEMW# asserted before SA[19:0]
24b Memory access to 16-bit ISA Slave Standard cycle
10T
Cycles
24d Memory access to 8-bit ISA Slave - 3BLCK
10T
Cycles
24e Memory access to 8-bit ISA Slave Standard cycle
10T
Cycles
24f Memory access to 8-bit ISA Slave - 7BCLK
10T
Cycles
24
SMEMR#, SMEMW# asserted before SA[19:0]
24h
Memory access to 16-bit ISA Slave Standard cycle
10T
Cycles
24i
Memory access to 16-bit ISA Slave - 4BCLK
10T
Cycles
24k
Memory access to 8-bit ISA Slave - 3BCLK
10T
Cycles
24l
Memory access to 8-bit ISA Slave Standard cycle
10T
Cycles
Table 4-13. ISA Bus AC Timing
Name
Parameter
Min
Max
Units
Note: The signal numbering refers to Table 4-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com