Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBI Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPC4HDBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPC4HDBI Datasheet HTML 18Page - STMicroelectronics STPC4HDBI Datasheet HTML 19Page - STMicroelectronics STPC4HDBI Datasheet HTML 20Page - STMicroelectronics STPC4HDBI Datasheet HTML 21Page - STMicroelectronics STPC4HDBI Datasheet HTML 22Page - STMicroelectronics STPC4HDBI Datasheet HTML 23Page - STMicroelectronics STPC4HDBI Datasheet HTML 24Page - STMicroelectronics STPC4HDBI Datasheet HTML 25Page - STMicroelectronics STPC4HDBI Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
PIN DESCRIPTION
22/93
Release 1.5 - January 29, 2002
..
Table 2-4. ISA / IDE Dynamic Multiplexing
ISA BUS
(ISAOE# = 0)
IDE
(ISAOE# = 1)
RMRTCCS#
DD[15]
KBCS#
DD[14]
RTCRW#
DD[13]
RTCDS#
DD[12]
SA[19:8]
DD[11:0]
LA[23]
SCS3#
LA[22]
SCS1#
SA[21]
PCS3#
SA[20]
PCS1#
LA[19:17]
DA[2:0]
IOCHRDY
DIORDY
Table 2-5. ISA / Local Bus Pin Sharing
ISA / IPC
LOCAL BUS
SD[15:0]
PD[15:0]
DREQ_MUX[1:0]
PA[21:20]
SMEMR#
PA[19]
MEMW#
PA[18]
BHE#
PA[17]
AEN
PA[16]
ALE
PA[15]
MEMR#
PA[14]
IOR#
PA[13]
IOW#
PA[12]
REF#
PA[11]
IOCHCK#
PA[10]
GPIOCS#
PA[9]
ZWS#
PA[8]
SA[7:4]
PA[7:4]
TC, DACK_ENC[2:0]
PA[3:0]
SA[3]
PRDY
ISAOE#,SA[2:0]
IOCS#[3:0]
DEV_CLK, RTCAS
FCS#[1:0]
IOCS16#, MASTER#
PRD#[1:0]
SMEMW#, MCS16#
PWR#[1:0]
Table 2-6. Signal value on Reset
Signal Name
SYSRSTI# active
SYSRSTI# inactive
SYSRSTO# active
release of SYSRSTO#
BASIC CLOCKS AND RESETS
XTALO
14MHz
ISA_CLK
Low
7MHz
ISA_CLK2X
14MHz
OSC14M
14MHz
DEV_CLK
24MHz
HCLK
Oscillating at the speed defined by the strap options.
PCI_CLKO
HCLK divided by 2 or 3, depending on the strap options.
DCLK
17MHz
MEMORY CONTROLLER
MCLKO
66MHz if asynchonous mode, HCLK speed if synchronized mode.
CS#[3:1]
High
CS#[0]
High
SDRAM init sequence:
Write Cycles
MA[10:0], BA[0]
0x00
RAS#[1:0], CAS#[1:0]
High
MWE#, DQM[7:0]
High
MD[63:0]
Input
PCI INTERFACE
AD[31:0]
0x0000
First prefetch cycles
when not in Local Bus mode.
CBE[3:0], PAR
Low
FRAME#, TRDY#, IRDY#
Input
STOP#, DEVSEL#
Input
PERR#, SERR#
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com