Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBI Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPC4HDBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBI Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPC4HDBI Datasheet HTML 27Page - STMicroelectronics STPC4HDBI Datasheet HTML 28Page - STMicroelectronics STPC4HDBI Datasheet HTML 29Page - STMicroelectronics STPC4HDBI Datasheet HTML 30Page - STMicroelectronics STPC4HDBI Datasheet HTML 31Page - STMicroelectronics STPC4HDBI Datasheet HTML 32Page - STMicroelectronics STPC4HDBI Datasheet HTML 33Page - STMicroelectronics STPC4HDBI Datasheet HTML 34Page - STMicroelectronics STPC4HDBI Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
STRAP OPTIONS
Release 1.5 - January 29, 2002
31/93
3.1.4. CPC STRAP REGISTER 0 CONFIGURATION
Table 3-1. HCLK Frequency Programming
HCLK_Strap
Access = 0022h/0023h
Regoffset = 05Fh
76543210
MD[3}
MD[2]
MD[26]
MD[25]
MD[24]
Rsv
This register defaults to the values sampled on MD pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-3
MD[3:2] & MD[26:24]
These pins reflect the values sampled on MD[3:2] and
MD[26:24] pins respectively and control the Host clock
frequency synthesizer as shown in Table 3-1
Bits 2-0
Rsv
Reserved
MD[3]
MD[2]
MD[26]
MD[25]
MD[24]
HCLK Speed
00
000
25 MHz
00
001
50 MHz
00
010
60 MHz
00
011
66 MHz
01
001
75 MHz
10
011
90 MHz
11
001
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com