Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBI Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPC4HDBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBI Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPC4HDBI Datasheet HTML 49Page - STMicroelectronics STPC4HDBI Datasheet HTML 50Page - STMicroelectronics STPC4HDBI Datasheet HTML 51Page - STMicroelectronics STPC4HDBI Datasheet HTML 52Page - STMicroelectronics STPC4HDBI Datasheet HTML 53Page - STMicroelectronics STPC4HDBI Datasheet HTML 54Page - STMicroelectronics STPC4HDBI Datasheet HTML 55Page - STMicroelectronics STPC4HDBI Datasheet HTML 56Page - STMicroelectronics STPC4HDBI Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.5 - January 29, 2002
53/93
4.5.10 IDE INTERFACE
Table 4-18 lists the AC characteristics of the IDE
interface.
4.5.11 JTAG INTERFACE
Figure
4-12
and
Table
4-17
list
the
AC
characteristics of the JTAG interface.
Table 4-18. IDE Interface Timing
Name
Parameters
Min
Max
Units
DD[15:0] setup to PIOR#/SIOR# falling
15
-
ns
DD[15:0} hold to PIOR#/SIOR# falling
0
-
ns
Figure 4-12. JTAG timing diagram
Table 4-19. JTAG AC Timings
Name
Parameter
Min
Max
Unit
Treset
TRST pulse width
1
Tcycle
Tcycle
TCLK period
400
ns
TCLK rising time
20
ns
TCLK falling time
20
ns
TCK
STPC.input
TRST
Treset
Tcycle
STPC.output
TMS,TDI
TDO
Tjset
Tjhld
Tjout
Tpset
Tphld
Tpout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com