Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987A Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5987A
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5987A Datasheet HTML 2Page - STMicroelectronics L5987A Datasheet HTML 3Page - STMicroelectronics L5987A Datasheet HTML 4Page - STMicroelectronics L5987A Datasheet HTML 5Page - STMicroelectronics L5987A Datasheet HTML 6Page - STMicroelectronics L5987A Datasheet HTML 7Page - STMicroelectronics L5987A Datasheet HTML 8Page - STMicroelectronics L5987A Datasheet HTML 9Page - STMicroelectronics L5987A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Electrical characteristics
L5987 - L5987A
6/42
4
Electrical characteristics
TJ = 25 °C, VCC = 12 V, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
VCC
Operating input voltage
range
(1)
2.9
18
V
VCCON
Turn on VCC threshold
(1)
2.9
VCCOFF
Turn off VCC threshold
(1)
2.4
RDS(on)
Mosfet on resistance
140
170
m
Ω
(1)
140
220
ILIM
Maximum limiting current
3.5
4.0
4.4
A
Oscillator
FSW
Switching frequency
225
250
275
kHz
(1)
220
265
VFSW
FSW pin voltage
1.262
V
D
Duty cycle
0
100
%
FADJ
Adjustable switching
frequency
RFSW = 33 kΩ
1000
kHz
Dynamic characteristics
VFB
Feedback voltage
2.9 V < VCC < 18 V
(1)
0.593
0.6
0.607
V
DC characteristics
IQ
Quiescent current
Duty Cycle = 0,
VFB = 0.8 V
2.4
mA
IQST-BY
Total stand-by quiescent
current
20
30
μA
Inhibit
INH threshold voltage
Device ON level
0.6
V
Device OFF level
1.9
INH current
INH = 0
7.5
10
μA
Soft-start
TSS
Soft-start duration
FSW pin floating
7.4
8.2
9.1
ms
FSW = 1 MHz,
RFSW = 33 kΩ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com