Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987A Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5987A
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5987A Datasheet HTML 14Page - STMicroelectronics L5987A Datasheet HTML 15Page - STMicroelectronics L5987A Datasheet HTML 16Page - STMicroelectronics L5987A Datasheet HTML 17Page - STMicroelectronics L5987A Datasheet HTML 18Page - STMicroelectronics L5987A Datasheet HTML 19Page - STMicroelectronics L5987A Datasheet HTML 20Page - STMicroelectronics L5987A Datasheet HTML 21Page - STMicroelectronics L5987A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Application information
L5987 - L5987A
18/42
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value in order to have the expected current ripple has to be selected.
The rule to fix the current ripple value is to have a ripple at 20 %-40 % of the output current.
In the continuos current mode (CCM), the inductance value can be calculated by the
following equation:
Equation 10
Where TON is the conduction time of the internal high side switch and TOFF is the conduction
time of the external diode (in CCM, FSW = 1/(TON + TOFF)). The maximum current ripple, at
fixed Vout, is obtained at maximum TOFF that is at minimum duty cycle (see previous section
to calculate minimum duty). So fixing
ΔI
L = 20 % to 30 % of the maximum output current, the
minimum inductance value can be calculated:
Equation 11
where FSW is the switching frequency, 1/(TON + TOFF).
For example for VOUT = 3.3 V, VIN = 12 V, IO = 3 A and FSW = 250 kHz the minimum
inductance value to have
ΔI
L = 30 % of IO is about 10 μH.
The peak current through the inductor is given by:
Equation 12
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
In the table below some inductor part numbers are listed.
Table 7.
Inductors
Manufacturer
Series
Inductor value (
μH)
Saturation current (A)
Coilcraft
MSS1038
3.8 to 10
3.9 to 6.5
MSS1048
12 to 22
3.84 to 5.34
ΔI
L
V
IN
V
OUT
–
L
------------------------------ T
ON
⋅
V
OUT
V
F
+
L
---------------------------- T
OFF
⋅
==
L
MIN
V
OUT
V
F
+
ΔI
MAX
----------------------------
1D
MIN
–
F
SW
-----------------------
⋅
=
I
LPK
,
I
O
ΔI
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com